Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-456 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # SW-456
Description  GaAs SPDT Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-456 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  SW-456 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-456 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-456 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SW-456 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
GaAs SPDT Switch
DC - 3.0 GHz
Rev. V5
SW-456
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves
Insertion Loss vs. Frequency Over Temperature
VSWR Over Temperature
Isolation vs. Frequency Over Temperature
Insertion Loss vs. Frequency
(+2.3 V Control, 1000 pF Capacitor on RF Ports)
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.00.5
1.01.5
2.0
2.5
3.0
Frequency (GHz)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
+25 C
-40 C
+85 C
Frequency (GHz)
-40
-35
-30
-25
-20
-15
-10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
1.0
1.2
1.4
1.6
1.8
2.0
0.00.5
1.01.5
2.0
2.5
3.0
+25 C
-40 C
+85 C
Frequency (GHz)


Similar Part No. - SW-456

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-456 MACOM-SW-456 Datasheet
405Kb / 4P
   GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-456 MA-COM-SW-456 Datasheet
83Kb / 4P
   GaAs SPDT Switch DC - 3.0 GHz
logo
List of Unclassifed Man...
SW-456 ETC1-SW-456 Datasheet
35Kb / 2P
   Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
logo
Tyco Electronics
SW-456PIN MACOM-SW-456PIN Datasheet
405Kb / 4P
   GaAs SPDT Switch DC - 3.0 GHz
SW-456SMB MACOM-SW-456SMB Datasheet
405Kb / 4P
   GaAs SPDT Switch DC - 3.0 GHz
More results

Similar Description - SW-456

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-008075 MA-COM-MASW-008075 Datasheet
105Kb / 3P
   GaAs SPDT Switch
MASW4030G MA-COM-MASW4030G Datasheet
75Kb / 4P
   GaAs SPDT Switch
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
   GaAs SPDT Switch
MASW-008322-V3 MA-COM-MASW-008322-V3 Datasheet
164Kb / 4P
   GaAs SPDT Switch
MASW-008899 MA-COM-MASW-008899 Datasheet
148Kb / 4P
   GaAs SPDT Switch
MASW-008322_V3 MA-COM-MASW-008322_V3 Datasheet
164Kb / 4P
   GaAs SPDT Switch
MASWSS0136 MA-COM-MASWSS0136_15 Datasheet
596Kb / 4P
   GaAs SPDT Switch
MASWSS0176 MA-COM-MASWSS0176_15 Datasheet
639Kb / 4P
   GaAs SPDT Switch
MASWSS0157 MA-COM-MASWSS0157_15 Datasheet
615Kb / 5P
   GaAs SPDT Switch
MASW-008322 MA-COM-MASW-008322 Datasheet
633Kb / 5P
   GaAs SPDT Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com