Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFV96N15PS Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFV96N15PS
Description  PolarHT HiPerFET Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFV96N15PS Datasheet(HTML) 4 Page - IXYS Corporation

  IXFV96N15PS Datasheet HTML 1Page - IXYS Corporation IXFV96N15PS Datasheet HTML 2Page - IXYS Corporation IXFV96N15PS Datasheet HTML 3Page - IXYS Corporation IXFV96N15PS Datasheet HTML 4Page - IXYS Corporation IXFV96N15PS Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFH 96N15P
IXFV 96N15P IXFV 96N15PS
Fig. 11. Capacitance
100
1000
10000
0
5
10
15
20
25
30
35
40
VDS - Volts
Ciss
Coss
Crss
f = 1MHz
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
10
203040
5060
70
80
90 100 110
Q G - nanoCoulombs
V
DS = 75V
I
D = 48A
I
G = 10mA
Fig. 7. Input Adm ittance
0
20
40
60
80
100
120
140
160
180
4
5
6
789
10
VG S - Volts
T
J = 150ºC
25ºC
-40ºC
Fig. 8. Transconductance
0
10
20
30
40
50
60
0
25
50
75
100
125
150
175
200
I D - Amperes
T
J = -40ºC
25ºC
150ºC
Fig. 9. Source Current vs.
Source-To-Drain Voltage
0
50
100
150
200
250
300
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
VS D - Volts
T
J = 150ºC
T
J = 25ºC
Fig. 12. Forw ard-Bias
Safe Operating Area
1
10
100
1000
1
10
100
1000
VD S - Volts
100µs
1ms
DC
T
J = 175ºC
T
C = 25ºC
R
DS(on) Limit
10ms
25µs


Similar Part No. - IXFV96N15PS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFV96N20P IXYS-IXFV96N20P Datasheet
231Kb / 5P
   PolarHT HiPerFET Power MOSFET
More results

Similar Description - IXFV96N15PS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH52N30P IXYS-IXFH52N30P Datasheet
190Kb / 5P
   PolarHT Power MOSFET HiPerFET
IXFC52N30P IXYS-IXFC52N30P_08 Datasheet
151Kb / 5P
   PolarHT Power MOSFET HiPerFET
IXFH110N10P IXYS-IXFH110N10P Datasheet
314Kb / 5P
   PolarHT HiPerFET Power MOSFET
IXFN180N15P IXYS-IXFN180N15P Datasheet
151Kb / 5P
   PolarHT HiPerFET Power MOSFET
IXFK102N30P IXYS-IXFK102N30P Datasheet
138Kb / 2P
   PolarHT HiPerFET Power MOSFET
IXFN140N20P IXYS-IXFN140N20P Datasheet
98Kb / 5P
   PolarHT HiPerFET Power MOSFET
IXFH96N20P IXYS-IXFH96N20P Datasheet
231Kb / 5P
   PolarHT HiPerFET Power MOSFET
IXFK140N20P IXYS-IXFK140N20P Datasheet
231Kb / 5P
   PolarHT HiPerFET Power MOSFET
IXFR102N30P IXYS-IXFR102N30P Datasheet
157Kb / 5P
   PolarHT HiPerFET Power MOSFET
IXFH74N20P IXYS-IXFH74N20P Datasheet
706Kb / 5P
   PolarHT HiPerFET Power MOSFET
IXFH150N15P IXYS-IXFH150N15P Datasheet
109Kb / 5P
   PolarHT??HiPerFET Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com