Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T435-800G Datasheet(PDF) 1 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # T435-800G
Description  4A TRIACs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

T435-800G Datasheet(HTML) 1 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  T435-800G Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd T435-800G Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd T435-800G Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd T435-800G Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd T435-800G Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd T435-800G Datasheet HTML 6Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


Similar Part No. - T435-800G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T435-800B STMICROELECTRONICS-T435-800B Datasheet
118Kb / 8P
   4A TRIACS
T435-800B STMICROELECTRONICS-T435-800B Datasheet
115Kb / 10P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
T435-800B JIEJIE-T435-800B Datasheet
662Kb / 6P
   4A TRIACs
logo
STMicroelectronics
T435-800B STMICROELECTRONICS-T435-800B Datasheet
119Kb / 10P
   4A TRIACS
January 2006 REV. 7
T435-800B STMICROELECTRONICS-T435-800B Datasheet
491Kb / 15P
   4 A Triacs
November 2016
More results

Similar Description - T435-800G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTA04A UTC-BTA04A Datasheet
158Kb / 3P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA04 JIEJIE-BTA04 Datasheet
662Kb / 6P
   4A TRIACs
logo
Tiger Electronic Co.,Lt...
T405-600B-TR TGS-T405-600B-TR Datasheet
116Kb / 1P
   4A TRIACS
T435-600H TGS-T435-600H Datasheet
38Kb / 1P
   4A TRIACS
T435-600B-TR TGS-T435-600B-TR Datasheet
54Kb / 1P
   4A TRIACS
BTA04-600B TGS-BTA04-600B Datasheet
93Kb / 1P
   4A TRIACS
Z0409MF TGS-Z0409MF Datasheet
335Kb / 1P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST136 JIEJIE-JST136 Datasheet
402Kb / 7P
   4A TRIACs
logo
STMicroelectronics
Z04 STMICROELECTRONICS-Z04 Datasheet
88Kb / 8P
   4A TRIACS
logo
SiPower Inc.
BTA204S-800E SIPOWER-BTA204S-800E Datasheet
866Kb / 7P
   4A Triacs
logo
Tiger Electronic Co.,Lt...
Z0405MF TGS-Z0405MF Datasheet
29Kb / 1P
   4A TRIACS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com