Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDEP1411NP-140MC-95 Datasheet(PDF) 4 Page - Sumida Corporation

Part # CDEP1411NP-140MC-95
Description  Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP1411NP-140MC-95 Datasheet(HTML) 4 Page - Sumida Corporation

  CDEP1411NP-140MC-95 Datasheet HTML 1Page - Sumida Corporation CDEP1411NP-140MC-95 Datasheet HTML 2Page - Sumida Corporation CDEP1411NP-140MC-95 Datasheet HTML 3Page - Sumida Corporation CDEP1411NP-140MC-95 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEP1411
Saturation current and Temperature rise
In
du
ct
an
ce
μ
Part No.:CDEP1411NP-7R7MC-95
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0.00
5.00
10.00
15.00
20.00
25.00
Current (A)
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
L(20℃)
L(105℃)
Delta(△T)
Saturation current and Temperature rise
Part No.:CDEP1411NP-100MC-95
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
0.00
2.00 4.00 6.00
8.00 10.00 12.00 14.00 16.00 18.00 20.00
Current (A)
In
du
ct
an
ce
μ
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
L(20℃)
L(105℃)
Delta(△T)
Saturation current and Temperature rise
Part No.:CDEP1411NP-120MC-95
0.0
2.0
4.0
6.0
8.0
10.0
12.0
0.00
2.00
4.00 6.00
8.00 10.00 12.00 14.00 16.00 18.00 20.00
Current (A)
In
du
ct
an
ce
μ
0.00
10.00
20.00
30.00
40.00
50.00
60.00
L(20℃)
L(105℃)
Delta(△T)
Saturation current and Temperature rise
Part No.:CDEP1411NP-140MC-95
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
0.00
2.00
4.00
6.00
8.00
10.00 12.00 14.00 16.00 18.00
Current (A)
In
du
ct
an
ce
μ
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
L(20℃)
L(105℃)
Delta(△T)
Neumarkt
Obernzell
Chicago
Tel.+49-9181-4509-110
FAX. +49-9181-4509-310
Tel.+49-8591-937-0
FAX. +49-8591-937-103
Tel.+1-847-545-6700
FAX. +1-847-545-6720
Taipei
Shenzhen
Shanghai
Hong Kong
Tel.+1-408-321-9660
FAX.+1-408-321-9308
Tel.+65-6296-3388
FAX.+65-6296-3390
Tel.+82-2-6237-0777
FAX.+82-2-6237-0778
Tel.+81-3-5202-7112
FAX.+81-3-5202-7105
San Jose
Singapore
Seoul
Tokyo
For More Information
Tel.+886-2-8751-2737
FAX.+886-2-8751-2738
Tel.+86-755-8291-0228
FAX.+86-755-8291-0338
Tel.+86-021-5836-3299
FAX.+86-021-5836-3266
Tel.+852-2880-6688
FAX.+852-2565-9600


Similar Part No. - CDEP1411NP-140MC-95

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP1411NP-140MC-95 SUMIDA-CDEP1411NP-140MC-95 Datasheet
163Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDEP1411NP-140MC-95

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com