Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-01-C84-YSC-AAS2T2DH-AM Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # 10-01-C84-YSC-AAS2T2DH-AM
Description  Flat Power LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

10-01-C84-YSC-AAS2T2DH-AM Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  10-01-C84-YSC-AAS2T2DH-AM Datasheet HTML 1Page - Everlight Electronics Co., Ltd 10-01-C84-YSC-AAS2T2DH-AM Datasheet HTML 2Page - Everlight Electronics Co., Ltd 10-01-C84-YSC-AAS2T2DH-AM Datasheet HTML 3Page - Everlight Electronics Co., Ltd 10-01-C84-YSC-AAS2T2DH-AM Datasheet HTML 4Page - Everlight Electronics Co., Ltd 10-01-C84-YSC-AAS2T2DH-AM Datasheet HTML 5Page - Everlight Electronics Co., Ltd 10-01-C84-YSC-AAS2T2DH-AM Datasheet HTML 6Page - Everlight Electronics Co., Ltd 10-01-C84-YSC-AAS2T2DH-AM Datasheet HTML 7Page - Everlight Electronics Co., Ltd 10-01-C84-YSC-AAS2T2DH-AM Datasheet HTML 8Page - Everlight Electronics Co., Ltd 10-01-C84-YSC-AAS2T2DH-AM Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
Technical Data Sheet
Flat Power LED
10-01-C84-YSC-AAS2T2DH-AM
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.:
1.0
Page:
2 of 12
Device No.:
DPE-0000161
Published date: 31-Aug-2009
Created by:
Vicky Feng
Absolute Maximum Ratings (Ta=25
)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
70
mA
Peak Forward Current
(Duty 1/10 @1KHz)
IFP
100
mA
Power Dissipation
Pd
200
mW
Junction Temperature
Tj
115
Operating Temperature
Topr
-40 ~ +100
Storage Temperature
Tstg
-40 ~ +100
Thermal Resistance
Rth J-A
165
K/W
ESDHBM
2000
V
ESD
(Classification acc. AEC Q101)
ESDMM
200
V
Soldering Temperature
Tsol
Wave Soldering : 260 ℃ for 5 sec.
Hand Soldering : 350
for 3 sec.


Similar Part No. - 10-01-C84-YSC-AAS2T2DH-AM

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
10-01-C84-YSC-AAS2T2DH EVERLIGHT-10-01-C84-YSC-AAS2T2DH Datasheet
426Kb / 16P
   Flat Power LED
10-01-C84-YSC-AAS2T2DH EVERLIGHT-10-01-C84-YSC-AAS2T2DH_15 Datasheet
426Kb / 16P
   3mm Advanced Super Flux LEDs
More results

Similar Description - 10-01-C84-YSC-AAS2T2DH-AM

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
32-01-B4C-AJMB EVERLIGHT-32-01-B4C-AJMB Datasheet
168Kb / 7P
   Flat POWER LED
32-01-A5C-AQSC EVERLIGHT-32-01-A5C-AQSC Datasheet
152Kb / 6P
   Flat POWER LED
10-01-C84-YSC-AAS2T2DH EVERLIGHT-10-01-C84-YSC-AAS2T2DH Datasheet
426Kb / 16P
   Flat Power LED
32-01-G4C-AQSB EVERLIGHT-32-01-G4C-AQSB_09 Datasheet
349Kb / 9P
   Flat POWER LED
32-01-Y5C-AQSC-AM EVERLIGHT-32-01-Y5C-AQSC-AM Datasheet
156Kb / 6P
   Flat POWER LED
32-01-T4C-4PRB EVERLIGHT-32-01-T4C-4PRB_09 Datasheet
216Kb / 14P
   Flat Power LED
32-01-T4C-4PRB EVERLIGHT-32-01-T4C-4PRB Datasheet
179Kb / 8P
   Flat POWER LED
32-01-G4C-AQSB EVERLIGHT-32-01-G4C-AQSB Datasheet
168Kb / 7P
   Flat POWER LED
32-01-B4C-AJMB EVERLIGHT-32-01-B4C-AJMB_08 Datasheet
118Kb / 9P
   Flat POWER LED
logo
Vishay Siliconix
VLMW64BBDA-5K8L-08 VISHAY-VLMW64BBDA-5K8L-08 Datasheet
200Kb / 9P
   Power SMD LED CLCC-6 Flat
Rev. 1.1, 21-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com