Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12-23C-R6GHBHC-A01-2C Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 12-23C-R6GHBHC-A01-2C
Description  Full Color Chip LED (Chip LED with Right Angle Lens)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

12-23C-R6GHBHC-A01-2C Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  12-23C-R6GHBHC-A01-2C_08 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 12-23C-R6GHBHC-A01-2C_08 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 12-23C-R6GHBHC-A01-2C_08 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 12-23C-R6GHBHC-A01-2C_08 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 12-23C-R6GHBHC-A01-2C_08 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 12-23C-R6GHBHC-A01-2C_08 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 12-23C-R6GHBHC-A01-2C_08 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 12-23C-R6GHBHC-A01-2C_08 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 12-23C-R6GHBHC-A01-2C_08 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LifecyclePhase:
Revision
: 2
Expired Period: Forever
Release Date:2008-09-20 00:15:54.0
EVERLIGHT ELECTRONICS CO.,LTD.
12-23C/R6GHBHC-A01/2C
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 3 of 12
Device No. : DSE-123-009
Prepared date:09-Jul-2008
Prepared by :Yuan Shaoxiang
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
R6:25
GH:25
BH:25
mA
Peak Forward Current
(Duty 1/10 @1KHz)
IFP
R6:60
GH:100
BH:100
mA
Power Dissipation
Pd
R6:60
GH:95
BH:95
mW
Electrostatic Discharge (HBM)
ESD
R6:2000
GH:150
BH:150
V
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +90
Soldering Temperature
Tsol
Reflow Soldering : 260 ℃ for 10 sec.
Hand Soldering : 350 ℃ for 3 sec.


Similar Part No. - 12-23C-R6GHBHC-A01-2C_08

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
12-23C-R6GHBHC-A01-2C EVERLIGHT-12-23C-R6GHBHC-A01-2C_11 Datasheet
224Kb / 12P
   Full Color Chip LED (Chip LED with Right Angle Lens)
More results

Similar Description - 12-23C-R6GHBHC-A01-2C_08

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
12-23C-S2GHBHC-A01-2C EVERLIGHT-12-23C-S2GHBHC-A01-2C Datasheet
220Kb / 13P
   Full Color Chip LED (Chip LED with Right Angle Lens)
12-23C-R6GHBHC-A01-2C EVERLIGHT-12-23C-R6GHBHC-A01-2C_11 Datasheet
224Kb / 12P
   Full Color Chip LED (Chip LED with Right Angle Lens)
22-23-R6GHBHC-A01-2C EVERLIGHT-22-23-R6GHBHC-A01-2C Datasheet
247Kb / 12P
   Full Color Chip LED (Chip LED with Right Angle Lens)
12-23C EVERLIGHT-12-23C Datasheet
215Kb / 12P
   Full Color Chip LED (Chip LED with Right Angle Lens)
12-23C-S2GHBHC-A01-2C EVERLIGHT-12-23C-S2GHBHC-A01-2C_04 Datasheet
220Kb / 12P
   Full Color Chip LED (Chip LED with Right Angle Lens)
12-23A-R6GHBHC-A01-2D EVERLIGHT-12-23A-R6GHBHC-A01-2D Datasheet
248Kb / 12P
   Full Color Chip LED (Chip LED with Right Angle Lens)
logo
HK TO-GRACE TECHNOLOGY ...
12-23C-S2GHBHC-A01-2C TO-GRACE-12-23C-S2GHBHC-A01-2C Datasheet
988Kb / 12P
   Full Color Chip LED (Chip LED with Right Angle Lens)
logo
Everlight Electronics C...
12-23C-R6GHBHC-A01-2C EVERLIGHT-12-23C-R6GHBHC-A01-2C Datasheet
226Kb / 12P
   Full Color Chip LED (Chip LED with Right Angle Lens)
22-23C-R6GHBHW-C01-2C EVERLIGHT-22-23C-R6GHBHW-C01-2C Datasheet
237Kb / 13P
   Full Color Chip LED (Chip LED with Right Angle Lens)
logo
TAITRON Components Inco...
TFPR-QTB1FA2714 TAITRON-TFPR-QTB1FA2714 Datasheet
394Kb / 11P
   Full Color Chip LED With Right Angle Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com