Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGB7289-BD Datasheet(PDF) 6 Page - Mimix Broadband

Part # CGB7289-BD
Description  DC-2.5 GHz InGaP HBT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7289-BD Datasheet(HTML) 6 Page - Mimix Broadband

Back Button CGB7289-BD_09 Datasheet HTML 2Page - Mimix Broadband CGB7289-BD_09 Datasheet HTML 3Page - Mimix Broadband CGB7289-BD_09 Datasheet HTML 4Page - Mimix Broadband CGB7289-BD_09 Datasheet HTML 5Page - Mimix Broadband CGB7289-BD_09 Datasheet HTML 6Page - Mimix Broadband CGB7289-BD_09 Datasheet HTML 7Page - Mimix Broadband CGB7289-BD_09 Datasheet HTML 8Page - Mimix Broadband CGB7289-BD_09 Datasheet HTML 9Page - Mimix Broadband CGB7289-BD_09 Datasheet HTML 10Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
|S12| Vs Frequency
-26
-24
-22
2.1
2.12
2.14
2.16
2.18
Frequency (GHz)
25 C
-40 C
85 C
Matched for2.14 GHz Operation
Active Bias, Vs =5V
|S21| Vs Frequency
13.5
14
14.5
15
15.5
16
16.5
1.75
1.8
1.85
1.9
1.95
2
2.05
Frequency (GHz)
25 C
-40 C
85 C
Matched for 1.9 GHz
Operation
Vs =8V
|S11| Vs Frequency
-20
-18
-16
-14
-12
-10
2.1
2.12
2.14
2.16
2.18
Frequency (GHz)
25 C
-40 C
85 C
Matched for
2.14 GHz Operation
Active Bias, Vs = 5v
|S22| Vs Frequency
-15
-14
-13
-12
-11
-10
2.1
2.12
2.14
2.16
2.18
Frequency (GHz)
25 C
-40 C
85 C
Matched for 2.14 GHz Operation
Active Bias, Vs = 5V
Noise Figure Vs Frequency
4
4.5
5
5.5
6
6.5
7
2.1
2.12
2.14
2.16
2.18
Frequency (GHz)
25 C
-40 C
85 C
Matched for 2.14 GHz Operation
Active Bias, Vs = 5V
Page 6 of 18
Typical S-Parameter and Noise Performance: 2140 MHz, 5V (Matched for 2.14 GHz Operation)
DC-2.5 GHz InGaP HBT
Matched Gain Block Amplifier
CGB7289-BD
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2009 - Rev 07-Aug-09


Similar Part No. - CGB7289-BD_09

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7289-BD-000V MIMIX-CGB7289-BD-000V Datasheet
301Kb / 18P
   DC-2.5 GHz InGaP HBT Matched Gain Block Amplifier
More results

Similar Description - CGB7289-BD_09

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7289-BD MIMIX-CGB7289-BD Datasheet
301Kb / 18P
   DC-2.5 GHz InGaP HBT Matched Gain Block Amplifier
CGB7289-SC_0609 MIMIX-CGB7289-SC_0609 Datasheet
346Kb / 20P
   DC-2.5 GHz InGaP HBT Matched Gain Block Amplifier
CGB7289-SC MIMIX-CGB7289-SC Datasheet
341Kb / 19P
   DC-2.5 GHz InGaP HBT Matched Gain Block Amplifier
logo
Microsemi Corporation
LX5512B MICROSEMI-LX5512B_05 Datasheet
553Kb / 8P
   InGaP HBT 2.4 ??2.5 GHz Power Amplifier
LX5514 MICROSEMI-LX5514 Datasheet
92Kb / 2P
   InGaP HBT 2.3 - 2.5 GHz Power Amplifier
LX5510B MICROSEMI-LX5510B Datasheet
232Kb / 8P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5510 MICROSEMI-LX5510 Datasheet
626Kb / 7P
   InGaP HBT 2.4-2.5 GHz Power Amplifier
LX5535 MICROSEMI-LX5535 Datasheet
74Kb / 2P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5512E MICROSEMI-LX5512E Datasheet
230Kb / 10P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5511 MICROSEMI-LX5511 Datasheet
130Kb / 2P
   InGaP HBT 2.3 - 2.5 GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com