Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFN230N10 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXFN230N10
Description  Power MOSFET Single Die MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN230N10 Datasheet(HTML) 5 Page - IXYS Corporation

  IXFN230N10_08 Datasheet HTML 1Page - IXYS Corporation IXFN230N10_08 Datasheet HTML 2Page - IXYS Corporation IXFN230N10_08 Datasheet HTML 3Page - IXYS Corporation IXFN230N10_08 Datasheet HTML 4Page - IXYS Corporation IXFN230N10_08 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2008 IXYS Corporation, All rights reserved
IXYS REF: F_230N10(9Y-N17)12-02-08-D
IXFN230N10
Fig. 13. Forward-Bias Safe Operating Area
@ TC = 25ºC
1
10
100
1,000
1
10
100
VDS - Volts
TJ = 150ºC
TC = 25ºC
Single Pulse
1ms
100µs
RDS(on) Limit
10ms
DC
External-Lead Limit
100ms
Fig. 14. Forward-Bias Safe Operating Area
@ TC = 75ºC
1
10
100
1,000
1
10
100
VDS - Volts
TJ = 150ºC
TC = 75ºC
Single Pulse
1ms
100µs
RDS(on) Limit
10ms
DC
100ms
25µs


Similar Part No. - IXFN230N10_08

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN230N10 IXYS-IXFN230N10 Datasheet
281Kb / 2P
   Power MOSFETs Single Die MOSFET
More results

Similar Description - IXFN230N10_08

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN180N10 IXYS-IXFN180N10 Datasheet
84Kb / 4P
   HiPerFET Power MOSFET Single MOSFET Die
IXFN230N10 IXYS-IXFN230N10 Datasheet
281Kb / 2P
   Power MOSFETs Single Die MOSFET
logo
Meder Electronic
PSMG15001 MEDER-PSMG15001 Datasheet
144Kb / 4P
   Single MOSFET Die
logo
IXYS Corporation
IXFK180N10 IXYS-IXFK180N10 Datasheet
111Kb / 4P
   Single MOSFET Die
IXFL60N60 IXYS-IXFL60N60 Datasheet
537Kb / 2P
   Single Die MOSFET
IXFE24N100 IXYS-IXFE24N100 Datasheet
428Kb / 2P
   Single MOSFET Die
logo
Meder Electronic
PSMG10005 MEDER-PSMG10005 Datasheet
124Kb / 2P
   Single MOSFET Die
logo
IXYS Corporation
IXFN340N07 IXYS-IXFN340N07 Datasheet
104Kb / 2P
   HiPerFET Power MOSFETs Single Die MOSFET
IXFN36N100 IXYS-IXFN36N100 Datasheet
122Kb / 4P
   HiPerFET Power MOSFETs Single Die MOSFET
IXFN44N60 IXYS-IXFN44N60 Datasheet
128Kb / 4P
   HiPerFET Power MOSFETs Single Die MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com