Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFR140N20P Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFR140N20P
Description  PolarHT HiPerFET Power MOSFET ISOPLUS247
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFR140N20P Datasheet(HTML) 3 Page - IXYS Corporation

  IXFR140N20P Datasheet HTML 1Page - IXYS Corporation IXFR140N20P Datasheet HTML 2Page - IXYS Corporation IXFR140N20P Datasheet HTML 3Page - IXYS Corporation IXFR140N20P Datasheet HTML 4Page - IXYS Corporation IXFR140N20P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2006 IXYS All rights reserved
IXFR 140N20P
Fig. 2. Exte nde d Output Characte ris tics
@ 25
ºC
0
30
60
90
120
150
180
210
240
270
300
01
23
45
6
7
8
9
10
V D S - Volts
VGS = 10V
7V
6V
8V
9V
Fig. 3. Output Characte ris tics
@ 150
ºC
0
20
40
60
80
100
120
140
01
23456
V D S - Volts
VGS = 10V
9V
8V
5V
6V
7V
Fig. 1. Output Characte ris tics
@ 25
ºC
0
20
40
60
80
100
120
140
00.5
11.5
22.5
V D S - Volts
VGS = 10V
9V
8V
7V
6V
5V
Fig. 4. RDS(on) Norm alized to ID = 70A
V alue vs . Junction Te m pe rature
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
150
175
TJ - Degrees Centigrade
ID = 140A
ID = 70A
VGS = 10V
Fig. 5. RDS(on) Norm alize d to
ID = 70A Value vs . Drain Curre nt
0.5
1
1.5
2
2.5
3
3.5
4
0
50
100
150
200
250
300
I D - Amperes
TJ = 25ºC
VGS = 10V
TJ = 175ºC
VGS = 15V
Fig. 6. Dr ain Cur r e nt vs . Cas e
Te m p e r atur e
0
10
20
30
40
50
60
70
80
90
-50
-25
0
25
50
75
100
125
150
175
TC - Degrees Centigrade
External Lead C urrent Lim it


Similar Part No. - IXFR140N20P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFR140N20 ISC-IXFR140N20 Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
2023.10.7
More results

Similar Description - IXFR140N20P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH52N30P IXYS-IXFH52N30P Datasheet
190Kb / 5P
   PolarHT Power MOSFET HiPerFET
IXFC52N30P IXYS-IXFC52N30P_08 Datasheet
151Kb / 5P
   PolarHT Power MOSFET HiPerFET
IXFH110N10P IXYS-IXFH110N10P Datasheet
314Kb / 5P
   PolarHT HiPerFET Power MOSFET
IXFR24N100 IXYS-IXFR24N100_08 Datasheet
118Kb / 4P
   HiPerFET Power MOSFET ISOPLUS247
IXFN180N15P IXYS-IXFN180N15P Datasheet
151Kb / 5P
   PolarHT HiPerFET Power MOSFET
IXFK102N30P IXYS-IXFK102N30P Datasheet
138Kb / 2P
   PolarHT HiPerFET Power MOSFET
IXFN140N20P IXYS-IXFN140N20P Datasheet
98Kb / 5P
   PolarHT HiPerFET Power MOSFET
IXFH96N20P IXYS-IXFH96N20P Datasheet
231Kb / 5P
   PolarHT HiPerFET Power MOSFET
IXFK140N20P IXYS-IXFK140N20P Datasheet
231Kb / 5P
   PolarHT HiPerFET Power MOSFET
IXFR102N30P IXYS-IXFR102N30P Datasheet
157Kb / 5P
   PolarHT HiPerFET Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com