Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15-21-GHC-R2S2-2T Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # 15-21-GHC-R2S2-2T
Description  1206 Package Chip LED (1.0mm Height)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

15-21-GHC-R2S2-2T Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button 15-21-GHC-R2S2-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 15-21-GHC-R2S2-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 15-21-GHC-R2S2-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 15-21-GHC-R2S2-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 15-21-GHC-R2S2-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 15-21-GHC-R2S2-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 15-21-GHC-R2S2-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 15-21-GHC-R2S2-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd 15-21-GHC-R2S2-2T Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
15-21/GHC-R2S2/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev
1
Page: 7 of 10
Device No:DSE-0003945
Prepared date: 22-July-2010
Prepared by:Yang yuanyuan
Carrier Tape Dimensions: Loaded quantity 2000PCS per reel
Note: The tolerances unless mentioned is ±0.1mm ,Unit = mm
Moisture Resistant Packaging
Label
Desiccant
Label
Aluminum moisture-proof bag


Similar Part No. - 15-21-GHC-R2S2-2T

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
15-21-GHC-R2S2-2T TO-GRACE-15-21-GHC-R2S2-2T Datasheet
666Kb / 10P
   1206 Package Chip LED (1.0mm Height)
More results

Similar Description - 15-21-GHC-R2S2-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
15-11-BHC-ZL2N1QY-2T EVERLIGHT-15-11-BHC-ZL2N1QY-2T Datasheet
123Kb / 10P
   1206 Package Chip LED (1.0mm Height)
15-21-B6C-YR1S2B2-2T EVERLIGHT-15-21-B6C-YR1S2B2-2T Datasheet
221Kb / 10P
   1206 Package Chip LED(1.0mm Height)
15-11-BHC-ZL2N1QY-2T EVERLIGHT-15-11-BHC-ZL2N1QY-2T_11 Datasheet
205Kb / 10P
   1206 Package Chip LED (1.0mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
15-21-T1D-CP1Q2TY-2T TO-GRACE-15-21-T1D-CP1Q2TY-2T Datasheet
1Mb / 12P
   1206 Package Chip LED (1.0mm Height)
logo
Everlight Electronics C...
15-21-T1D-CP1Q2TY-2T EVERLIGHT-15-21-T1D-CP1Q2TY-2T Datasheet
154Kb / 12P
   1206 Package Chip LED (1.0mm Height)
15-21-T7D-JQ2S1PY-2T EVERLIGHT-15-21-T7D-JQ2S1PY-2T Datasheet
245Kb / 12P
   1206 Package Chip LED (1.0mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
15-11-BHC-ZL2N1QY-2T TO-GRACE-15-11-BHC-ZL2N1QY-2T Datasheet
554Kb / 10P
   1206 Package Chip LED (1.0mm Height)
15-21-GHC-R2S2-2T TO-GRACE-15-21-GHC-R2S2-2T Datasheet
666Kb / 10P
   1206 Package Chip LED (1.0mm Height)
logo
Everlight Electronics C...
15-21SURC-S530-A3-TR8 EVERLIGHT-15-21SURC-S530-A3-TR8 Datasheet
210Kb / 9P
   1206 Package Chip LED(1.0mm Height)
15-21-G6C-FM1N2B-2T EVERLIGHT-15-21-G6C-FM1N2B-2T Datasheet
145Kb / 10P
   1206 Package Chip LED (1.0mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com