Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM3020-BD Datasheet(PDF) 1 Page - Mimix Broadband

Part # CMM3020-BD
Description  30.0 kHz-20.0 GHz GaAs MMIC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM3020-BD Datasheet(HTML) 1 Page - Mimix Broadband

  CMM3020-BD Datasheet HTML 1Page - Mimix Broadband CMM3020-BD Datasheet HTML 2Page - Mimix Broadband CMM3020-BD Datasheet HTML 3Page - Mimix Broadband CMM3020-BD Datasheet HTML 4Page - Mimix Broadband CMM3020-BD Datasheet HTML 5Page - Mimix Broadband CMM3020-BD Datasheet HTML 6Page - Mimix Broadband CMM3020-BD Datasheet HTML 7Page - Mimix Broadband CMM3020-BD Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
30.0 kHz-20.0 GHz GaAs MMIC
Distributed Amplifier
Page 1 of 8
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CMM3020-BD
Ultra Wide Band Driver Amplifier
Low Gain Ripple
Positive Gain Slope
9.0 dB Small Signal Gain
+23.0 dBm P1dB Compression Point
+35.0 dBm Third Order Intercept
100% Visual Inspection to MIL-STD-883
Method 2010
Features
Chip Device Layout
Absolute Maximum Ratings
Supply Voltage (Vd)
Supply Current (Id1)
Gate Voltage (Vg)
Input Power (Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)1
+12.0 VDC
350 mA
-5V
+23.0 dBm
-65 to +165 ºC
-55 to +85 ºC
+175 ºC
(1) Channel temperature affects a device's MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life.
Electrical Characteristics (AmbientTemperature T = 25 oC)
Parameter
Frequency Range (f)
Input Return Loss (S11)3
Output Return Loss (S22)3
Small Signal Gain (S21)3
Gain Flatness ( S21)
Reverse Isolation (S12)
Output Power for 1dB Compression (P1dB)2
Output Third Order Intermods (OIP3)2
Saturated Output Power (Psat)2
Drain Bias Voltage (Vd)
Gate Bias Voltage (Vg)
Supply Current (Id) (Vd=8.0V,Vg=-0.5V Typical)
Units
GHz
dB
dB
dB
dB
dB
dBm
dBm
dBm
VDC
VDC
mA
Min.
0.00003
8.0
7.0
7.0
-
-
-
-
-
-
-1.5
-
Typ.
-
12.0
12.0
9.0
+/-1.0
35.0
+23.0
+35.0
+26.0
+8.0
-0.5
250
Max.
20.0
-
-
-
-
-
-
-
-
+9.0
0.0
275
Mimix Broadband’s distributed 30 kHz-20.0 GHz GaAs MMIC
distributed amplifier has a small signal gain of 9.0 dB with a
+23.0 dBm P1dB output compression point.This MMIC uses
Mimix Broadband’s GaAs PHEMT device model technology,
and is based upon electron beam lithography to ensure high
repeatability and uniformity.The chip has surface
passivation to protect and provide a rugged part with
backside via holes and gold metallization to allow either a
conductive epoxy or eutectic solder die attach process.This
device is well suited for Test Instrumentation, Military, Space,
Microwave Point-to-Point Radio, SATCOM and VSAT
applications.
General Description
May 2010 - Rev 08-May-10
100% on-wafer DC testing and 100% RF wafer qualification.Wafer qualification includes sample testing from each quadrant
with an 80% pass rate required.
(2) Optional high power bias Vd=9.0V will typically yield 2-3 dB increase in P1dB, Psat and OIP3.
(3) Unless otherwise indicated, Min./Max. over 2.0-20.0 GHz and biased at Vd=8.0V.


Similar Part No. - CMM3020-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM3020-BD MIMIX-CMM3020-BD Datasheet
453Kb / 3P
   30 kHz to 20 GHz GaAs MMIC Optical Modulator Driver Amplifer
CMM3020-BD MIMIX-CMM3020-BD Datasheet
93Kb / 2P
   30 kHz-20 GHz GaAs MMIC Optical Modulator Driver Amplifier
CMM3020-BD-0048 MIMIX-CMM3020-BD-0048 Datasheet
453Kb / 3P
   30 kHz to 20 GHz GaAs MMIC Optical Modulator Driver Amplifer
CMM3020-BD-0048 MIMIX-CMM3020-BD-0048 Datasheet
93Kb / 2P
   30 kHz-20 GHz GaAs MMIC Optical Modulator Driver Amplifier
CMM3020-BD-0192 MIMIX-CMM3020-BD-0192 Datasheet
453Kb / 3P
   30 kHz to 20 GHz GaAs MMIC Optical Modulator Driver Amplifer
More results

Similar Description - CMM3020-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM3030-BD MIMIX-CMM3030-BD_10 Datasheet
1Mb / 8P
   30.0 kHz-30.0 GHz GaAs MMIC
CMM2030-BD MIMIX-CMM2030-BD_10 Datasheet
1Mb / 8P
   30.0 kHz-30.0 GHz GaAs MMIC
D1008-QH MIMIX-D1008-QH Datasheet
1Mb / 9P
   30.0 kHz-32.0 GHz GaAs MMIC
XP1017-BD MIMIX-XP1017-BD_10 Datasheet
1Mb / 8P
   30.0-36.0 GHz GaAs MMIC
XR1004-BD MIMIX-XR1004-BD_09 Datasheet
316Kb / 7P
   30.0-46.0 GHz GaAs MMIC
CMM1118-QT MIMIX-CMM1118-QT_10 Datasheet
1Mb / 6P
   11.0-20.0 GHz GaAs MMIC
XL1010-QT MIMIX-XL1010-QT_10 Datasheet
666Kb / 5P
   20.0-38.0 GHz GaAs MMIC
XL1000-BD MIMIX-XL1000-BD_10 Datasheet
1Mb / 7P
   20.0-40.0 GHz GaAs MMIC
XL1002-BD MIMIX-XL1002-BD_10 Datasheet
1Mb / 9P
   20.0-36.0 GHz GaAs MMIC
XL1010-BD MIMIX-XL1010-BD_08 Datasheet
1Mb / 1P
   20.0-38.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com