Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM3030-BD Datasheet(PDF) 3 Page - Mimix Broadband

Part # CMM3030-BD
Description  30.0 kHz-30.0 GHz GaAs MMIC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM3030-BD Datasheet(HTML) 3 Page - Mimix Broadband

  CMM3030-BD Datasheet HTML 1Page - Mimix Broadband CMM3030-BD Datasheet HTML 2Page - Mimix Broadband CMM3030-BD Datasheet HTML 3Page - Mimix Broadband CMM3030-BD Datasheet HTML 4Page - Mimix Broadband CMM3030-BD Datasheet HTML 5Page - Mimix Broadband CMM3030-BD Datasheet HTML 6Page - Mimix Broadband CMM3030-BD Datasheet HTML 7Page - Mimix Broadband CMM3030-BD Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
30.0 kHz-30.0 GHz GaAs MMIC
Distributed Amplifier
Page 3 of 8
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CMM3030-BD
Distributed Amplifier Measurements (Test Fixture)
May 2010 - Rev 19-May-10
CMM3030-BD Vd=8.0 V, Id=275 mA
13
15
17
19
21
CMM3030-BD Vd=9.0 V, Id=275 mA
13
15
17
19
21
1
3
5
7
9
11
13
0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 32.0
1
3
5
7
9
11
13
0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 32.0
Frequency (GHz)
+85 Deg C -40 deg C +25 Deg C
CMM3030-BD Vd=8.0 V, Id=275 mA
-30
-20
-10
0
Frequency (GHz)
+85 Deg C -40 deg C +25 Deg C
CMM3030-BD Vd=9.0 V, Id=275 mA
-30
-20
-10
0
-90
-80
-70
-60
-50
-40
0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 32.0
Frequency (GHz)
-90
-80
-70
-60
-50
-40
0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 32.0
Frequency (GHz)
q
y (
)
+85 Deg C -40 Deg C +25 Deg C
CMM3030-BD Vd=8.0 V, Id=275 mA
-25
-20
-15
-10
-5
0
CMM3030-BD Vd=9.0 V, Id=275 mA
-25
-20
-15
-10
-5
0
q
y (
)
+85 Deg C -40 Deg C +25 Deg C
-60
-55
-50
-45
-40
-35
-30
0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 32.0
Frequency (GHz)
-60
-55
-50
-45
-40
-35
-30
0.0
2.0
4.0
6.0
8.0
10.0 12.0 14.0 16.0 18.0 20.0 22.0 24.0
Frequency (GHz)
+85 Deg C -40 Deg C +25 Deg C
+85 Deg C -40 Deg C +25 Deg C


Similar Part No. - CMM3030-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM3030-BD MIMIX-CMM3030-BD Datasheet
863Kb / 5P
   30 kHz to GHz GaAs MMIC Optical Modulator Driver Amplifer
CMM3030-BD MIMIX-CMM3030-BD Datasheet
197Kb / 4P
   30 kHz-30 GHz GaAs MMIC Optical Modulator Driver Amplifier
CMM3030-BD MIMIX-CMM3030-BD_06 Datasheet
197Kb / 4P
   30 kHz-30 GHz GaAs MMIC Optical Modulator Driver Amplifier
More results

Similar Description - CMM3030-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM2030-BD MIMIX-CMM2030-BD_10 Datasheet
1Mb / 8P
   30.0 kHz-30.0 GHz GaAs MMIC
D1008-QH MIMIX-D1008-QH Datasheet
1Mb / 9P
   30.0 kHz-32.0 GHz GaAs MMIC
CMM3020-BD MIMIX-CMM3020-BD_10 Datasheet
1Mb / 8P
   30.0 kHz-20.0 GHz GaAs MMIC
XR1004-BD MIMIX-XR1004-BD_09 Datasheet
316Kb / 7P
   30.0-46.0 GHz GaAs MMIC
XP1017-BD MIMIX-XP1017-BD_10 Datasheet
1Mb / 8P
   30.0-36.0 GHz GaAs MMIC
XR1004 MIMIX-XR1004 Datasheet
370Kb / 7P
   30.0-46.0 GHz GaAs MMIC Receiver
XR1004 MIMIX-XR1004_06 Datasheet
231Kb / 7P
   30.0-46.0 GHz GaAs MMIC Receiver
XR1004-BD MIMIX-XR1004-BD Datasheet
230Kb / 7P
   30.0-46.0 GHz GaAs MMIC Receiver
XB1009-BD MIMIX-XB1009-BD Datasheet
273Kb / 7P
   14.0-30.0 GHz GaAs MMIC Buffer Amplifier
XP1017 MIMIX-XP1017 Datasheet
251Kb / 6P
   30.0-36.0 GHz GaAs MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com