Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4121 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # AN4121
Description  Design of Power Factor Correction Circuit
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN4121 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button AN4121 Datasheet HTML 3Page - Fairchild Semiconductor AN4121 Datasheet HTML 4Page - Fairchild Semiconductor AN4121 Datasheet HTML 5Page - Fairchild Semiconductor AN4121 Datasheet HTML 6Page - Fairchild Semiconductor AN4121 Datasheet HTML 7Page - Fairchild Semiconductor AN4121 Datasheet HTML 8Page - Fairchild Semiconductor AN4121 Datasheet HTML 9Page - Fairchild Semiconductor AN4121 Datasheet HTML 10Page - Fairchild Semiconductor AN4121 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
APPLICATION NOTE
AN4121
7
©2002 Fairchild Semiconductor Corporation
The value is calculated on the assumption that the
gate-source voltage should be a square waveform, i.e, abrupt
changes with no rising or falling time.
Thus the drive current can not reach 500mA during the rising
or falling time although Rg of 32
Ω is used.
10
Ω is recommended as the Rg in order to the MOSFET
switching loss. The experimental results shows that the gate
peak current goes up to 300mA with 10
Ω.
Diode average current can be calculated by (21). The total
diode loss can be calculated by (22) and then a diode can be
selected considering diode thermal characteristic.
3-2. Control circuit design
1) Output voltage sensing resistor and feedback loop design
R1 is determined by the maximum output over voltage,
∆V
ovp and R2 is determined by (23).
The feedback loop bandwidth must be narrower than 20Hz
for the PFC application. Therefore a capacitor is connected
between INV and EA_OUT to eliminate the 120Hz ripple
voltage by 40dB. The error amp compensation capacitor can
be calculated by (24). To improve the power factor, Ccomp
must be increased than the calculated value. And to improve
the system response, Ccomp must be lowered than the
calculated value.
2) Zero current detection resistor design
Idet current should be less than 3mA, therefore zero current
detection resistor is determined by (25).
3) Start-up circuit design
To start-up the FAN7527B, the start-up current must be
supplied through a start-up resistor. The resistor value is
calculated by (26) and (27). The start-up capacitor must
supply IC operating current before the auxiliary winding
supplies IC operating current maintaining Vcc voltage higher
than the UVLO voltage. Therefore the start-up
capacitor is designed by (28).
The recommended RST values according to CST values are
shown on table 1. To make the Vcc voltage stable, use RST
values listed on the table or lower RST values than the listed
values. Higher RST values can cause the system unstable,
therefore don't use higher RST values.
4) Line voltage sense resistor and current sense resistor
design
The maximum line voltage sensing gain is determined by
(29) at the highest line.
Calculate the pin 3 voltage at the lowest line using Gin(max)
by (30). Then the current sense resistor is determined by
(31), (32) and (34). Once the current sense resistor is
determined, then the minimum line voltage sensing gain,
Gin(max) is determined by (31).
R
g
V
Omax
I
Omax
------------------
16V
500mA
--------------------
32
==
>
20
()
I
Davg
I
Omax
()
=21
()
P
Diode
V
fIDavg
=22
()
R
1
R
2
-------
V
O
2.5
2.5
----------------------- R1
∆V
OVP
40
µA
-------------------
=
,
=
R
2
2.5R
1
V
O
2.5
-----------------------
=
,
23
()
C
comp
1
0.01 2
π 120Hz R
1
⋅⋅
-----------------------------------------------------------
=
24
()
R
idet
N
aux
V
O
N
P 3mA
--------------------------
>
Table 1: Recommended RST , CST values
CST
RST
22uF
100k
33uF
120k
47uF
120k
68uF
120k
R
ST
V
in peak_min
()
V
th st
()max
I
STmax
---------------------------------------------------------------------
26
()
P
Rst
V
2
in rms_max
()
R
ST
-------------------------------------
=
1W
27
()
C
ST
I
dcc
2
π f
ac HY ST
()min
⋅⋅
----------------------------------------------------
28
()
V
PIN3
V
in peak_max
()
R
in2
R
in1
R
in2
+
-----------------------------
=
V
in peak_max
() Gin max
()
3.8V
<
=
29
()
VOm
()
KVin peak_min
()
R
in2
R
in1
R
in2
+
----------------------------------
∆Vm2 max
()
(30)
⋅⋅
=
R
sense
VOm
()
ILpeak_max
()
-----------------------------------------
KVin peak_min
()
Rin2
R
in1
R
in2
+
----------------------------------
⋅⋅
=
<
2.5
V
ηVin peak_min
()
4 VOIOmax
()
------------------------------------------------
(31)
Rsense
1.8V
ILpeak_max
()
-----------------------------------------
1.8V
ηVin peak_min
()
4 VOIOmax
()
------------------------------------------------
=
<
32
()
P
Rsense
2
VOIOmax
()
ηVin peak_min
()
------------------------------------------------


 2
R
sense
⋅⋅
=
1W
<
33
()
Rsense
1W
2
---------
ηVin peak_min
()
VOIOmax
()
------------------------------------------------


 2
<
34
()


Similar Part No. - AN4121

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4121 STMICROELECTRONICS-AN4121 Datasheet
1Mb / 26P
   Poly-phase demonstration kit with the STPMC1 and STPMS2
More results

Similar Description - AN4121

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6026 FAIRCHILD-AN-6026 Datasheet
352Kb / 23P
   Design of Power Factor Correction Circuit
AN-6027 FAIRCHILD-AN-6027 Datasheet
422Kb / 16P
   Design of Power Factor Correction Circuit
AN4107 FAIRCHILD-AN4107 Datasheet
491Kb / 14P
   Design of Power Factor Correction
AN-6982 FAIRCHILD-AN-6982 Datasheet
682Kb / 15P
   Power Factor Correction Converter Design
logo
Renesas Technology Corp
RJP65T43DPM RENESAS-RJP65T43DPM Datasheet
143Kb / 8P
   Power Factor Correction circuit
RJH65T47DPQ-A0 RENESAS-RJH65T47DPQ-A0 Datasheet
348Kb / 10P
   Power Factor Correction circuit
RJH65T46DPQ-A0 RENESAS-RJH65T46DPQ-A0 Datasheet
346Kb / 10P
   Power Factor Correction circuit
logo
STMicroelectronics
AN1059 STMICROELECTRONICS-AN1059 Datasheet
245Kb / 20P
   DESIGN EQUATIONS OF HIGH-POWER-FACTOR
logo
Silan Microelectronics ...
SA7527 SILAN-SA7527 Datasheet
263Kb / 8P
   POWER FACTOR CORRECTION CONTROLLER OF CRITICAL DUCTING
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com