Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-5017 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # AN-5017
Description  LVDS Fundamentals
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-5017 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  AN-5017 Datasheet HTML 1Page - Fairchild Semiconductor AN-5017 Datasheet HTML 2Page - Fairchild Semiconductor AN-5017 Datasheet HTML 3Page - Fairchild Semiconductor AN-5017 Datasheet HTML 4Page - Fairchild Semiconductor AN-5017 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Differential Signaling
Differential signaling offers many advantages over single
ended technologies. LVDS signaling centers around 1.25V
with a 350 mV swing and is not dependent on power supply
voltage. Not only does this result in a faster, more stable
signal, it also makes migration to lower power supply volt-
ages much easier.
Another advantage to differential technology is that the bal-
anced differential lines have tightly coupled equal but polar
opposite signals which reduce EMI. The magnetic fields
radiated by each of the conductors are drawn toward each
other and cancel much of the magnetic fields.
Common Mode
Differential signaling also offers common mode rejection.
The receiver ignores any noise that is coupled equally on
to the differential signals and only considers the difference
between the two signals. The receiver has a common
mode voltage range of 0.05V to 2.35V. LVDS receivers will
operate with as much as a
r1V ground shift between the
driver and receiver. This is shown graphically in Figure 3.
Low swing differential signaling can also improve signal
integrity concerns at higher speeds. As throughput
demands increase throughout the information industry,
higher frequencies and wider bit widths cause transmission
line reflections and crosstalk. As system loading increases,
the characteristic impedance of a system can change and
cause impedance mismatches which will, in turn, send
reflective signals across the transmission line. These
reflections can cause bit errors or increase settling times
making timing budgets more difficult as speeds increase.
Differential signaling technologies like LVDS solve this by
accepting common mode noise on the differential line.
Additionally, lower swing differential technologies reduce
reflections by having small voltage swings which limit the
energy supplied to the transmission line.
FIGURE 3. Common Mode Noise Range
Failsafe
Failsafe is a feature offered in LVDS that will help system
reliability by preventing errors. Failsafe guarantees that the
outputs are in a known state (HIGH) when the receiver
inputs are under certain fault conditions. Without the fail-
safe feature, any external noise above receiver thresholds
could trigger the output to an unknown state.
According to the TIA/EIA-644 standard, when the receiver
inputs are open, not connected to the generator, or if the
generator is powered off, the failsafe feature will drive the
outputs high. If the receiver inputs are shorted, the outputs
will be in failsafe mode (HIGH State). The standard also
states that the receiver outputs will also go in to a failsafe if
the differential inputs remain within the threshold region for
an abnormal period of time.
This protection feature has many benefits for a system
designer. For instance, some applications may dictate that
not all of the LVDS receiver inputs are used. With the fail-
safe feature, the receiver outputs will always be in a known
state as long as the inputs are not receiving a valid signal.
Termination
Termination of LVDS is necessary at the receiver input to
generate the Output Differential Voltage (VOD). The TIA/
EIA-644 specification stipulates an internal termination
resistor value between 90
: and 132:. Fairchild recom-
mends a termination resistor value between 90
: and 110:
depending on the characteristic impedance of the cable.
Termination of LVDS is much easier than most other tech-
nologies. ECL and PECL both use a 220
: pull-down resis-
tor on each driver output as well as a 100
: resistor across
the driver outputs. GTLP, due to the open drain configura-
tion, must have a termination resistor (usually 50
: double
terminated) to a 1.5V pull-up voltage in order to generate a
GTLP signal. (See Figure 4)


Similar Part No. - AN-5017

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-5010 FAIRCHILD-AN-5010 Datasheet
220Kb / 10P
   IEEE 1284 Interface Design Solutions
AN-5015 FAIRCHILD-AN-5015 Datasheet
204Kb / 6P
   Transceiver and Specification Compliance
AN-5019 FAIRCHILD-AN-5019 Datasheet
105Kb / 2P
   Calculating Driver/Receiver Power
More results

Similar Description - AN-5017

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MT-019 AD-MT-019 Datasheet
351Kb / 14P
   DAC Interface Fundamentals
Rev.A, 10/08, WK
logo
Tyco Electronics
0603SFP100F MACOM-0603SFP100F Datasheet
965Kb / 28P
   Surface-mount Fuses Fundamentals
E63843-000 MACOM-E63843-000 Datasheet
2Mb / 28P
   Surface-mount Fuses Fundamentals
1206SFF500F32-2 MACOM-1206SFF500F32-2 Datasheet
965Kb / 28P
   Surface-mount Fuses Fundamentals
logo
Motorola, Inc
AN535 MOTOROLA-AN535 Datasheet
341Kb / 12P
   PHASE LOCKED LOOP DESIGN FUNDAMENTALS
logo
Fairchild Semiconductor
AN-3005 FAIRCHILD-AN-3005 Datasheet
286Kb / 2P
   Design Fundamentals for Phototransistor Circuits
logo
Analog Devices
MT-085 AD-MT-085 Datasheet
179Kb / 9P
   Fundamentals of Direct Digital Synthesis (DDS)
Rev.0, 10/08, WK
MT-086 AD-MT-086 Datasheet
413Kb / 10P
   Fundamentals of Phase Locked Loops (PLLs)
Rev.0, 10/08, WK
logo
M/A-COM Technology Solu...
AN3001 MA-COM-AN3001 Datasheet
161Kb / 7P
   PIN diode Vector Modulators - Fundamentals and Drive Requirements
logo
National Semiconductor ...
DS90LV001 NSC-DS90LV001 Datasheet
396Kb / 13P
   3.3V LVDS-LVDS Buffer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com