Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1007-BD Datasheet(PDF) 6 Page - Mimix Broadband

Part # B1007-BD
Description  4.0-11.0 GHz GaAs MMIC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

B1007-BD Datasheet(HTML) 6 Page - Mimix Broadband

  B1007-BD Datasheet HTML 1Page - Mimix Broadband B1007-BD Datasheet HTML 2Page - Mimix Broadband B1007-BD Datasheet HTML 3Page - Mimix Broadband B1007-BD Datasheet HTML 4Page - Mimix Broadband B1007-BD Datasheet HTML 5Page - Mimix Broadband B1007-BD Datasheet HTML 6Page - Mimix Broadband B1007-BD Datasheet HTML 7Page - Mimix Broadband B1007-BD Datasheet HTML 8Page - Mimix Broadband B1007-BD Datasheet HTML 9Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
S-Parameters
Page 6 of 9
4.0-11.0 GHz GaAs MMIC
Buffer Amplifier
B1007-BD
Typcial S-Parameter Data for XB1007-BD
Vd=4.5 V, Id=130 mA
Frequency
S11
S11
S21
S21
S12
S12
S22
S22
(GHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
0.045
0.978
-4.96
0.025
-167.48
0.0012
2.71
1.000
-3.23
1.0
0.558
-47.76
2.108
96.03
0.0001
-117.16
0.881
-75.42
2.0
0.292
-50.93
5.334
55.58
0.0009
141.34
0.646
-133.66
3.0
0.211
-59.68
8.848
17.23
0.0016
81.43
0.502
176.53
4.0
0.189
-81.69
12.975
-20.85
0.0013
32.52
0.392
126.19
5.0
0.148
-92.58
16.002
-61.20
0.0010
14.48
0.299
71.12
6.0
0.049
-131.19
17.813
-103.17
0.0006
-143.50
0.235
2.95
7.0
0.031
103.39
16.657
-140.92
0.0010
90.00
0.183
-58.81
8.0
0.052
40.99
16.006
-173.62
0.0018
76.58
0.177
-98.54
9.0
0.089
14.70
14.867
154.53
0.0027
60.07
0.160
-133.12
10.0
0.044
20.61
14.065
123.27
0.0021
-3.97
0.127
-159.96
11.0
0.014
91.02
12.785
91.14
0.0014
-34.03
0.049
-166.81
12.0
0.058
124.81
11.218
59.48
0.0018
-103.20
0.074
-66.32
13.0
0.141
114.80
9.492
28.22
0.0021
-159.33
0.216
-78.40
14.0
0.223
104.74
7.781
-2.27
0.0037
160.77
0.370
-101.39
15.0
0.279
92.29
6.067
-31.02
0.0041
132.87
0.501
-122.23
16.0
0.329
77.30
4.663
-57.12
0.0038
133.16
0.610
-142.71
17.0
0.361
67.40
3.548
-80.79
0.0030
141.13
0.693
-159.49
18.0
0.376
60.85
2.701
-103.10
0.0058
134.50
0.760
-175.38
19.0
0.373
52.87
2.084
-123.45
0.0082
102.56
0.794
170.52
20.0
0.361
48.90
1.623
-142.31
0.0105
61.49
0.804
159.64
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
October 2009 - Rev 10-Oct-09


Similar Part No. - B1007-BD

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
B1007 PULSE-B1007 Datasheet
121Kb / 4P
   BROADBAND xDSL, HPN, CMCs
logo
MicroPower Direct, LLC
B1007RW MPD-B1007RW Datasheet
74Kb / 2P
   Compact 1 x 2 Inch 10W Wide Input Range DC/DC Converters
B1007RW MPD-B1007RW Datasheet
187Kb / 2P
   B1000RW SERIES
More results

Similar Description - B1007-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XB1007-QT MIMIX-XB1007-QT_10 Datasheet
684Kb / 6P
   4.0-11.0 GHz GaAs MMIC
XB1007-BD MIMIX-XB1007-BD Datasheet
224Kb / 9P
   4.0-11.0 GHz GaAs MMIC Buffer Amplifier
XB1007-BD MIMIX-XB1007-BD_07 Datasheet
224Kb / 9P
   4.0-11.0 GHz GaAs MMIC Buffer Amplifier
XB1007-QT MIMIX-XB1007-QT Datasheet
972Kb / 6P
   4.0-11.0 GHz GaAs MMIC Buffer Amplifier, QFN
CMM1118-QT MIMIX-CMM1118-QT_10 Datasheet
1Mb / 6P
   11.0-20.0 GHz GaAs MMIC
XR1007-BD MIMIX-XR1007-BD_08 Datasheet
270Kb / 8P
   11.0-17.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XB1007-QT MA-COM-XB1007-QT Datasheet
684Kb / 6P
   4.0-11.0 GHz GaAs MMICBuffer Amplifier
logo
Mimix Broadband
XR1007 MIMIX-XR1007 Datasheet
190Kb / 8P
   11.0-17.0 GHz GaAs MMIC Receiver
XR1007_0610 MIMIX-XR1007_0610 Datasheet
443Kb / 8P
   11.0-17.0 GHz GaAs MMIC Receiver
XP1014 MIMIX-XP1014 Datasheet
165Kb / 5P
   8.5-11.0 GHz GaAs MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com