Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15-21-R6C-FQ1R1B-2T Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # 15-21-R6C-FQ1R1B-2T
Description  1206 Package Chip LED(1.1mm Height)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

15-21-R6C-FQ1R1B-2T Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button 15-21-R6C-FQ1R1B-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 15-21-R6C-FQ1R1B-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 15-21-R6C-FQ1R1B-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 15-21-R6C-FQ1R1B-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 15-21-R6C-FQ1R1B-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 15-21-R6C-FQ1R1B-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 15-21-R6C-FQ1R1B-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 15-21-R6C-FQ1R1B-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd 15-21-R6C-FQ1R1B-2T Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
15-21/R6C-FQ1R1B/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev .2
Page: 9 of 10
Device No:DSE-0002539
Prepared date: 11-Dec-2009
Prepared by: Xie Haitao
Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection , otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package: The LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 After opening the package: The LED's floor life is 1 year under 30℃ or less and 60% RH or less.
If unused LEDs remain, it should be stored in moisture proof packages.
2.4 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.


Similar Part No. - 15-21-R6C-FQ1R1B-2T

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
15-21-R6C-FQ1R1B-2T TO-GRACE-15-21-R6C-FQ1R1B-2T Datasheet
1Mb / 9P
   Package in 8mm tape on 7?엀iameter reel.
More results

Similar Description - 15-21-R6C-FQ1R1B-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
15-11-BHC-AN1P2-2T EVERLIGHT-15-11-BHC-AN1P2-2T Datasheet
163Kb / 10P
   1206 Package Chip LED (1.1mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
23-21-R8C-AN2Q1B-2T TO-GRACE-23-21-R8C-AN2Q1B-2T Datasheet
1Mb / 10P
   1206 Package Chip LED ( 1.1mm Height )
15-21-R6C-AN1P2-2T TO-GRACE-15-21-R6C-AN1P2-2T Datasheet
738Kb / 10P
   1206 Package Chip LED(1.1mm Height)
logo
Everlight Electronics C...
15-21-R6C-AN1P2-2T EVERLIGHT-15-21-R6C-AN1P2-2T Datasheet
160Kb / 10P
   1206 Package Chip LED(1.1mm Height)
15-21-W1D-APQHY-2T EVERLIGHT-15-21-W1D-APQHY-2T Datasheet
156Kb / 11P
   1206 Package Chip LED (1.1mm Height)
15-11-W1D-APQHY-2T EVERLIGHT-15-11-W1D-APQHY-2T Datasheet
240Kb / 12P
   1206 Package Chip LED (1.1mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
15-11-W1D-APQHY-2T TO-GRACE-15-11-W1D-APQHY-2T Datasheet
886Kb / 12P
   1206 Package Chip LED (1.1mm Height)
15-21-W1D-APQHY-2T TO-GRACE-15-21-W1D-APQHY-2T Datasheet
679Kb / 11P
   1206 Package Chip LED (1.1mm Height)
logo
Everlight Electronics C...
23-21UYC-S530-A3-TR8 EVERLIGHT-23-21UYC-S530-A3-TR8 Datasheet
223Kb / 9P
   1206 Package Chip LED ( 1.1mm Height )
23-21SYGC-S530-E2-TR8 EVERLIGHT-23-21SYGC-S530-E2-TR8 Datasheet
121Kb / 9P
   1206 Package Chip LED ( 1.1mm Height )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com