Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN9611 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN9611
Description  Design Consideration for Interleaved Boundary Conduction Mode PFC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN9611 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN9611 Datasheet HTML 6Page - Fairchild Semiconductor FAN9611 Datasheet HTML 7Page - Fairchild Semiconductor FAN9611 Datasheet HTML 8Page - Fairchild Semiconductor FAN9611 Datasheet HTML 9Page - Fairchild Semiconductor FAN9611 Datasheet HTML 10Page - Fairchild Semiconductor FAN9611 Datasheet HTML 11Page - Fairchild Semiconductor FAN9611 Datasheet HTML 12Page - Fairchild Semiconductor FAN9611 Datasheet HTML 13Page - Fairchild Semiconductor FAN9611 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
AN-6086
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.4 • 4/22/10
10
,
(1 cos(4
))
DAVG
OUT
LINE
I
If
t
π
=−
OUT
I
,
2
OUT
OUT RIPPLE
LINE
OUT
I
V
fC
π
=
OUT
V
D
I
,
D AVG
I
Figure 16. Output Voltage Ripple
(Design Example) With the ripple specification of
8Vp-p, the capacitor should be:
,
1
398
22
50 8
OUT
OUT
LINE
OUT RIPPLE
I
CF
fV
μ
ππ
>=
=
⋅⋅
Since minimum allowable output voltage during one
cycle line (20ms) drop-outs is 330V, the capacitor
should be:
3
22
2
2
,
2
2 400 20 10
313
400
330
OUT
HOLD
OUT
OUT
OUT MIN
Pt
CF
VV
μ
⋅⋅
×
>=
=
−−
Thus, two 220
μF capacitors in parallel are selected
for the output capacitor.
[STEP-9] Design Compensation Network
The boost PFC power stage can be modeled as shown in
Figure 17. Since FAN9611/12 employs line feed-forward,
the power stage transfer function becomes independent of
the line voltage. Then, the power stage can be modeled as a
voltage-controlled current source supplying RC network.
Figure 17. Small Signal Modeling of the Power Stage
By averaging the diode current during the half line cycle,
the low frequency behavior of the voltage controlled
current source of Figure 17 is obtained as:
,
(0.2)
4.1
COMP
D LF
OUT
MAX
V
II
K
=⋅
(27)
where
IOUT
is
total
nominal
output
current
corresponding to POUT, VCOMP is compensation pin
voltage, 0.2V is PWM offset voltage and 4.1 is error
amplifier control range (refer to Figure 13).
Then, the low-frequency, small-signal, control-to-output
transfer function is obtained as:
ˆ
1
ˆ
4.1
2
1
2
OUT
OUT
MAX
L
COMP
P
vI
K
R
s
v
f
π
=⋅
+
(28)
where
2
2
P
LOUT
f
RC
π
=
and
RL is the output load resistance in a given load condition.
Figure 18 shows the variation of the control-to-output
transfer function for different loads. As can be seen, the
characteristics at frequencies above the pole are unchanged
while the pole moves as load changes. Since the low
frequency gain increases as load decreases, the light load
condition is the worst condition for feedback loop
compensation. Assuming the load resistance is infinite, the
control-to-output transfer function at light load condition is
obtained from Equation 28 as:
@,
ˆ
1
|
ˆ
4.1
OUT
OUT
MAX
LIGHT LOAD
COMP
OUT
vI
K
vsC
≅⋅
(29)


Similar Part No. - FAN9611

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
FAN9611 FAIRCHILD-FAN9611 Datasheet
5Mb / 30P
   Dual BCM PFC Controller
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
FAN9611MX FAIRCHILD-FAN9611MX Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
More results

Similar Description - FAN9611

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-8035 FAIRCHILD-AN-8035 Datasheet
1Mb / 22P
   Boundary Conduction Mode Power Factor Correction (PFC)
logo
Renesas Technology Corp
R2A20118ASP RENESAS-R2A20118ASP_16 Datasheet
282Kb / 10P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20118ASP RENESAS-R2A20118ASP Datasheet
102Kb / 10P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_15 Datasheet
111Kb / 9P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112SPDD RENESAS-R2A20112SPDD_15 Datasheet
330Kb / 8P
   Critical Conduction Mode Interleaved PFC Control IC
logo
Sanken electric
SSC2102S SANKEN-SSC2102S Datasheet
600Kb / 21P
   Discontinuous Conduction Mode (DCM) Interleaved PFC IC
logo
Renesas Technology Corp
R2A20118ASP RENESAS-R2A20118ASP_15 Datasheet
102Kb / 10P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_16 Datasheet
272Kb / 9P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_V01 Datasheet
271Kb / 9P
   Critical Conduction Mode Interleaved PFC Control IC
Jan 08, 2016
R2A20112SP RENESAS-R2A20112SP Datasheet
85Kb / 8P
   Critical Conduction Mode Interleaved PFC Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com