Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15-21-Y2C-A0P1Q2B0E-2T-AM Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # 15-21-Y2C-A0P1Q2B0E-2T-AM
Description  1206 Package Chip LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

15-21-Y2C-A0P1Q2B0E-2T-AM Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  15-21-Y2C-A0P1Q2B0E-2T-AM Datasheet HTML 1Page - Everlight Electronics Co., Ltd 15-21-Y2C-A0P1Q2B0E-2T-AM Datasheet HTML 2Page - Everlight Electronics Co., Ltd 15-21-Y2C-A0P1Q2B0E-2T-AM Datasheet HTML 3Page - Everlight Electronics Co., Ltd 15-21-Y2C-A0P1Q2B0E-2T-AM Datasheet HTML 4Page - Everlight Electronics Co., Ltd 15-21-Y2C-A0P1Q2B0E-2T-AM Datasheet HTML 5Page - Everlight Electronics Co., Ltd 15-21-Y2C-A0P1Q2B0E-2T-AM Datasheet HTML 6Page - Everlight Electronics Co., Ltd 15-21-Y2C-A0P1Q2B0E-2T-AM Datasheet HTML 7Page - Everlight Electronics Co., Ltd 15-21-Y2C-A0P1Q2B0E-2T-AM Datasheet HTML 8Page - Everlight Electronics Co., Ltd 15-21-Y2C-A0P1Q2B0E-2T-AM Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: 3 Months
Release Date:2009-08-06 16:47:37.0
Technical Data Sheet
1206 Package Chip LED
Preliminary
15-21-Y2C-A0P1Q2B0E-2T-AM
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.: 1
Page: 2 of 13
DeviceNo.:DSE-0001969
Absolute Maximum Ratings (Ta=25
)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
12
V
Forward Current
IF
30
mA
Peak Forward Current
(Duty 1/10 @1KHz)
IFP
60
mA
Power Dissipation
Pd
60
mW
Junction Temperature
Tj
125
Operating Temperature
Topr
-40 ~ +100
Storage Temperature
Tstg
-40 ~ +110
Rth J-A
800
K/W
Thermal resistance
Rth J-S
450
K/W
Soldering Temperature
Tsol
Reflow Soldering : 260 ℃ for 30 sec.
Hand Soldering : 350
for 3 sec.
ESDHBM
2000
V
ESD
(Classification acc. AEC Q101)
ESDMM
200
V


Similar Part No. - 15-21-Y2C-A0P1Q2B0E-2T-AM

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
15-21-Y2C-A0P1Q2B0E-2T-AM TO-GRACE-15-21-Y2C-A0P1Q2B0E-2T-AM Datasheet
975Kb / 13P
   1206 Package Chip LED
More results

Similar Description - 15-21-Y2C-A0P1Q2B0E-2T-AM

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
15-21-G6C-A0N1P2B0E-2T-AM TO-GRACE-15-21-G6C-A0N1P2B0E-2T-AM Datasheet
634Kb / 13P
   1206 Package Chip LED
logo
Everlight Electronics C...
15-21-G6C-A0N1P2B0E-2T-AM EVERLIGHT-15-21-G6C-A0N1P2B0E-2T-AM Datasheet
232Kb / 13P
   1206 Package Chip LED
15-21-R6C-B0Q1R2B0E EVERLIGHT-15-21-R6C-B0Q1R2B0E Datasheet
426Kb / 12P
   1206 Package Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
15-21-R6C-B0Q1R2B0E-2T-AM TO-GRACE-15-21-R6C-B0Q1R2B0E-2T-AM Datasheet
941Kb / 13P
   1206 Package Chip LED
15-21-Y2C-A0P1Q2B0E-2T-AM TO-GRACE-15-21-Y2C-A0P1Q2B0E-2T-AM Datasheet
975Kb / 13P
   1206 Package Chip LED
logo
Everlight Electronics C...
15-21-R6C-B0Q1R2B0E-2T-AM EVERLIGHT-15-21-R6C-B0Q1R2B0E-2T-AM Datasheet
299Kb / 13P
   1206 Package Chip LED
IR15-21C-TR8 EVERLIGHT-IR15-21C-TR8_15 Datasheet
236Kb / 9P
   1206 Package Chip Infrared LED
EAIST3215A0 EVERLIGHT-EAIST3215A0 Datasheet
550Kb / 9P
   1206 Package Chip Infrared LED
15-21-R6C-AN1P2-2T EVERLIGHT-15-21-R6C-AN1P2-2T Datasheet
160Kb / 10P
   1206 Package Chip LED(1.1mm Height)
15-21-R6C-FQ1R1B-2T EVERLIGHT-15-21-R6C-FQ1R1B-2T Datasheet
137Kb / 10P
   1206 Package Chip LED(1.1mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com