Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15-21-Y2C-AN1P2-2T Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # 15-21-Y2C-AN1P2-2T
Description  1206 Package Chip LED (1.1 mm Height)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

15-21-Y2C-AN1P2-2T Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button 15-21-Y2C-AN1P2-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 15-21-Y2C-AN1P2-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 15-21-Y2C-AN1P2-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 15-21-Y2C-AN1P2-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 15-21-Y2C-AN1P2-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 15-21-Y2C-AN1P2-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 15-21-Y2C-AN1P2-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 15-21-Y2C-AN1P2-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd 15-21-Y2C-AN1P2-2T Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
15-21/Y2C-AN1P2/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev
1
Page: 6 of 10
Device No: SZDSE-151-Y14
Prepared date:26-Dec.-2006
Prepared by: Zhifang Pan
xxxxxx
xxxxxx
xxxxxxxxxxxx
xxxx
xxxxxxxx
RoHS
Label explanation
CAT: Luminous Intensity Rank
HUE: Dom. Wavelength Rank
REF: Forward Voltage Rank
Reel Dimensions
Note: The tolerances unless mentioned is ±0.1mm, Unit = mm


Similar Part No. - 15-21-Y2C-AN1P2-2T

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
15-21-Y2C-AN1P2-2T TO-GRACE-15-21-Y2C-AN1P2-2T Datasheet
792Kb / 10P
   1206 Package Chip LED (1.1 mm Height)
More results

Similar Description - 15-21-Y2C-AN1P2-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
15-21-GHC-YR1S1-2T EVERLIGHT-15-21-GHC-YR1S1-2T_05 Datasheet
204Kb / 10P
   1206 Package Chip LED (1.1 mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
15-21-G6C-BK1L2VY-2T TO-GRACE-15-21-G6C-BK1L2VY-2T Datasheet
805Kb / 10P
   1206 Package Chip LED (1.1 mm Height)
logo
Everlight Electronics C...
15-21-S2C-AL2M2VY-2T EVERLIGHT-15-21-S2C-AL2M2VY-2T Datasheet
211Kb / 10P
   1206 Package Chip LED (1.1 mm Height)
23-21-R8C-AN2Q1B-2T EVERLIGHT-23-21-R8C-AN2Q1B-2T Datasheet
212Kb / 10P
   1206 Package Chip LED (1.1 mm Height)
15-21-S2C-AQ2R2B-2T EVERLIGHT-15-21-S2C-AQ2R2B-2T Datasheet
210Kb / 10P
   1206 Package Chip LED (1.1 mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
15-21-GHC-YR1S1-2T TO-GRACE-15-21-GHC-YR1S1-2T Datasheet
755Kb / 10P
   1206 Package Chip LED (1.1 mm Height)
logo
Everlight Electronics C...
15-21-S3C-AP1Q2-2T EVERLIGHT-15-21-S3C-AP1Q2-2T Datasheet
168Kb / 10P
   1206 Package Chip LED (1.1 mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
15-21-G6C-FP1Q1L-2T TO-GRACE-15-21-G6C-FP1Q1L-2T Datasheet
801Kb / 10P
   1206 Package Chip LED (1.1 mm Height)
15-21-S2C-AQ2R2B-2T TO-GRACE-15-21-S2C-AQ2R2B-2T Datasheet
764Kb / 10P
   1206 Package Chip LED (1.1 mm Height)
15-21-S2C-AL2M2VY-2T TO-GRACE-15-21-S2C-AL2M2VY-2T Datasheet
768Kb / 10P
   1206 Package Chip LED (1.1 mm Height)
15-21-S3C-AP1Q2-2T TO-GRACE-15-21-S3C-AP1Q2-2T Datasheet
1Mb / 10P
   1206 Package Chip LED (1.1 mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com