Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-6846 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # AN-6846
Description  Control a Flyback Power Supply with Surge Current Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-6846 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  AN-6846 Datasheet HTML 1Page - Fairchild Semiconductor AN-6846 Datasheet HTML 2Page - Fairchild Semiconductor AN-6846 Datasheet HTML 3Page - Fairchild Semiconductor AN-6846 Datasheet HTML 4Page - Fairchild Semiconductor AN-6846 Datasheet HTML 5Page - Fairchild Semiconductor AN-6846 Datasheet HTML 6Page - Fairchild Semiconductor AN-6846 Datasheet HTML 7Page - Fairchild Semiconductor AN-6846 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AN-6846
APPLICATION NOTE
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.3.2 • 9/26/08
3
Description
The SG6846 is a highly integrated PWM controller IC that
provides special features satisfying the needs for low
standby power consumption. It also incorporates multiple
protection functions. With low start-up current and low
operating current, high-efficiency power conversion is
achieved. The typical start-up current is only 8µA and the
operating current is around 3.7mA. In nominal loading
conditions, the SG6846 operates at a fixed PWM frequency.
To minimize standby power consumption, a proprietary
green-mode function provides off-time modulation to
continuously decrease the switching frequency under light-
load conditions. Under no-load conditions, the power supply
enters burst-mode. Green mode dramatically cuts the power
loss at no-load and light-load conditions, enabling the power
supply to meet stringent power conservation requirements.
The SG6846 is specially designed for SMPS with surge-
current output, incorporated with a two-level OCP function.
Besides the cycle-by-cycle current limiting; if the switching
current is higher than OCP threshold for a delay time, over-
current protection is activated such that the SG6846 is
totally shutdown. Other protection functions include AC
input brownout protection with hysteresis and VDD over-
voltage protection. For over-temperature protection, an
external NTC thermistor can be applied to sense the ambient
temperature. When OCP, VDD OVP, or OTP are activated,
an internal latch circuit is used to latch-off the controller. If
the latch circuit is triggered by over-temperature conditions,
it resets when the temperature cools off sufficiently
(SG6846CX) or when the AC supply is disconnected
(SG6846LX). When the latch is triggered by VDD over-
voltage conditions, the latch resets only when the AC supply
is disconnected.
Other
features
of
this
controller
include
built-in
synchronized slope compensation and proprietary internal
compensation for constant output power limit over universal
AC input range. The gate output is clamped at 18V to
protect the external MOSFET from over-voltage damage.
Startup Circuitry
When the power is turned on, the input voltage charges the
hold-up capacitor C1 via the startup resistors. As shown in
Figure 2, one or two resistors from the AC utility are both
practical. As the voltage of VDD reaches the startup threshold
voltage VTH-ON, the SG6846 activates and drives the entire
power supply. The IC then operates based on the auxiliary
winding energy.
Using one startup resistor (510K
Ω) with a 10µF/50V hold-
up capacitor C1 can satisfy the three-second maximum
power-on delay requirement in most applications. After
startup, the energy is supplied from C2. The capacitance at
VDD must be large enough to hold VDD above the off
threshold voltage, VTH-OFF, at a step change of load. When
an output short circuit occurs, the duration before VDD drops
to below the off threshold voltage must be longer than the
OCP delay time or it fails to trigger the internal latch circuit.
A 100µF/50V capacitor is suggested for C2.
Figure 6. Circuit Providing Power
The maximum power dissipation of RIN is:
IN
AC
RIN
R
V
P
×
2
2
max
,
max
,
(1)
where VAC,max is the maximum rectified input voltage.
Taking a wide-range input (90VAC-264VAC) as an example,
VAC,max =264V:
mW
PRIN
68
10
510
2
264
3
2
max
,
×
×
=
(2)
In addition to the low startup current, SG6846 consumes less
operating current than a traditional UC384x.
Oscillator and Green-Mode Operation
Resistor RI programs the frequency of the internal oscillator.
A 26
Ω resistor R
I determines PWM frequency as 65kHz:
()
()
Ω
=
k
R
kHz
f
I
PWM
1690
(3)
A PWM frequency range of between 47kHz ~ 109kHz is
recommended.
RI
GND
SG6846
RI
Figure 5. Setting PWM Frequency


Similar Part No. - AN-6846

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-684 FAIRCHILD-AN-684 Datasheet
76Kb / 7P
   100336 Four-Stage Counter/Shift Register
More results

Similar Description - AN-6846

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6747 FAIRCHILD-AN-6747 Datasheet
427Kb / 12P
   Control a Flyback Power Supply with Peak Current Output
AN-6858 FAIRCHILD-AN-6858 Datasheet
256Kb / 7P
   Control a Flyback Power Supply
AN-6741 FAIRCHILD-AN-6741 Datasheet
307Kb / 8P
   Flyback Power Supply Control
AN-6861 FAIRCHILD-AN-6861 Datasheet
468Kb / 12P
   a Flyback Power Supply with Peak Load Current Profile
AN-6756 FAIRCHILD-AN-6756 Datasheet
575Kb / 13P
   Applying FAN6756 to Control a Flyback Power Supply
AN-6902 FAIRCHILD-AN-6902 Datasheet
545Kb / 12P
   Control a CCM PFC and Flyback/PWM Power Supply
logo
Texas Instruments
UCC28910 TI-UCC28910_15 Datasheet
1Mb / 53P
[Old version datasheet]   High-Voltage Flyback Switcher with Primary-Side Regulation and Output Current Control
logo
Cirrus Logic
CRD1615-8W CIRRUS-CRD1615-8W Datasheet
1Mb / 22P
   Quasi-resonant Flyback with Constant-current Output
CRD1610-8W CIRRUS-CRD1610-8W Datasheet
1Mb / 24P
   Quasi-resonant Flyback with Constant-current Output
CRD1611A-8W CIRRUS-CRD1611A-8W Datasheet
1Mb / 25P
   Quasi-resonant Flyback with Constant-current Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com