Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-6861 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # AN-6861
Description  a Flyback Power Supply with Peak Load Current Profile
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-6861 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  AN-6861 Datasheet HTML 1Page - Fairchild Semiconductor AN-6861 Datasheet HTML 2Page - Fairchild Semiconductor AN-6861 Datasheet HTML 3Page - Fairchild Semiconductor AN-6861 Datasheet HTML 4Page - Fairchild Semiconductor AN-6861 Datasheet HTML 5Page - Fairchild Semiconductor AN-6861 Datasheet HTML 6Page - Fairchild Semiconductor AN-6861 Datasheet HTML 7Page - Fairchild Semiconductor AN-6861 Datasheet HTML 8Page - Fairchild Semiconductor AN-6861 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AN-6861
APPLICATION NOTE
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1 • 6/9/09
4
I
Δ
2
RF
EDC
I
K
I
Δ
=
S
PK
D
I
Figure 4. MOSFET Current and Ripple Factor (KRF)
(Design Example)
Determining the ripple factor as 0.57
2
2
3
()
(90 0.53)
2
2 61 65 10 0.57
503
MIN
INP
MAX
M
INP
SW
RF
VD
L
Pf
K
H
μ
==
⋅⋅
×
=
61
1.28
90 0.53
INP
EDC
MIN
INP
MAX
P
I
A
VD
==
=
63
90 0.53
1.46
503 10
65 10
MIN
INP
MAX
MSW
VD
I
A
Lf
Δ=
=
=
×⋅
×
DS
1.28 0.73 2.01
2
PK
EDC
I
I
IA
Δ
=+
=
+
=
22
22
3(
)
(
)
23
0.53
3(1.28)
(0.73)
0.98
3
RMS
MAX
DS
EDC
D
I
II
A
Δ
⎡⎤
=+
⎢⎥
⎣⎦
⎡⎤
=+
=
⎣⎦
[STEP-5] Determine the Sensing Resistor Value
The current sensing resistor value should be determined
considering the over-current protection threshold and the
pulse-by-pulse current limit threshold, as shown in Figure 5.
The peak value of current sensing voltage (VCS) should be
lower than the pulse-by-pulse current limit level for peak
load condition. It should be lower than the OCP threshold
for nominal load conditions to prevent false triggering of
OCP protection during normal operation.
CS
DS
CS
VI
R
=⋅
Figure 5. Determining Current Sensing Resistor
The peak drain current at minimum input voltage and peak
load condition was obtained from Equation (9) in Step-4.
The peak drain current at minimum input voltage and
nominal load condition is given as:
.
()
:
2(
)
MIN
PK
INN
IN
RO
DS N
MIN
INN
RO
MIN
INN
RO
MIN
MSW
INN
RO
PV
V
I
VV
VV
CCM
Lf
V
V
⋅+
=
+
⋅+
(13)
.
2
:
PK
INN
DS N
SW
M
P
I
DCM
fL
=
(14)
Whether the converter operates in CCM or DCM at
minimum input voltage and nominal load condition is
determined by:
()
21 :
()
21 :
MIN
INN
RO
INN
M
SW
MIN
INN
RO
MIN
INN
RO
INN
M
SW
MIN
INN
RO
VV
P
L f
CCM
VV
VV
P
Lf
DCM
VV
+
⋅>
+
⋅<
(15)
The condition for the sensing resistor is given as:
.
0.5
0.89
CS
PK
DS N
CS
PK
DS
R
I
R
I
<
<
(16)
(Design Example)
For minimum input voltage and
nominal load condition, the operation mode is DCM as:
63
()
2
(115 100)
2 23 503 10
65 10
1
115 100
MIN
INN
RO
INN
M
SW
MIN
INN
RO
VV
PL f
VV
+
+
=
⋅⋅
×
⋅ ×
<
The peak drain current at minimum input voltage and
nominal power condition is given as:
DS.N
36
2
223
1.19
65 10 503 10
PK
INN
SW
M
P
I
A
fL
==
=
⋅×
×
The conditions for the sensing resistor are given as:
.
.2
0.5
0.5
0.42
1.19
0.89
0.89
0.44
2.01
CS
PK
DS N
CS
PK
DS P
R
I
R
I
<
==
Ω
<
==
Ω
Thus, a 0.39
Ω resistor is selected for the current-sensing
resistor


Similar Part No. - AN-6861

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AN-686 AD-AN-686 Datasheet
55Kb / 2P
   APPLICATION NOTE
REV. 0
More results

Similar Description - AN-6861

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6747 FAIRCHILD-AN-6747 Datasheet
427Kb / 12P
   Control a Flyback Power Supply with Peak Current Output
AN-6846 FAIRCHILD-AN-6846 Datasheet
343Kb / 8P
   Control a Flyback Power Supply with Surge Current Output
AN-6858 FAIRCHILD-AN-6858 Datasheet
256Kb / 7P
   Control a Flyback Power Supply
logo
Sanken electric
SWF SANKEN-SWF Datasheet
114Kb / 2P
   High Peak Load Switch Mode Power Supplies With Current Resonant Switching
July 17, 2013
logo
Monolithic Power System...
EV3910-K-00A MPS-EV3910-K-00A Datasheet
449Kb / 9P
   Peak Current Mode PWM Controller Flyback EV Board
logo
Fairchild Semiconductor
AN-6741 FAIRCHILD-AN-6741 Datasheet
307Kb / 8P
   Flyback Power Supply Control
AN-6756 FAIRCHILD-AN-6756 Datasheet
575Kb / 13P
   Applying FAN6756 to Control a Flyback Power Supply
logo
Torex Semiconductor
XC8101 TOREX-XC8101_12 Datasheet
705Kb / 37P
   High Side Load Switch with Low Supply Current
XC8101AA01MR-G TOREX-XC8101AA01MR-G Datasheet
705Kb / 37P
   High Side Load Switch with Low Supply Current
XC8101-12 TOREX-XC8101-12 Datasheet
705Kb / 37P
   High Side Load Switch with Low Supply Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com