Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-6861 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # AN-6861
Description  a Flyback Power Supply with Peak Load Current Profile
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-6861 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  AN-6861 Datasheet HTML 1Page - Fairchild Semiconductor AN-6861 Datasheet HTML 2Page - Fairchild Semiconductor AN-6861 Datasheet HTML 3Page - Fairchild Semiconductor AN-6861 Datasheet HTML 4Page - Fairchild Semiconductor AN-6861 Datasheet HTML 5Page - Fairchild Semiconductor AN-6861 Datasheet HTML 6Page - Fairchild Semiconductor AN-6861 Datasheet HTML 7Page - Fairchild Semiconductor AN-6861 Datasheet HTML 8Page - Fairchild Semiconductor AN-6861 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.fairchildsemi.com
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1 • 6/9/09
AN-6861
Applying FAN6861 to a Flyback Power Supply with Peak
Load Current Profile
1. Introduction
Highly integrated PWM controller, FAN6861, is optimized
for applications with motor load, such as printers and
scanners, that inherently impose some kind of overload
condition on the power supply during acceleration mode.
The two-level OCP function allows the SMPS to stably
deliver peak power during the motor acceleration without
causing premature shutdown, while protecting the SMPS
from overload condition.
The green-mode and burst-mode functions with a low
operating current (2.2mA maximum in green mode)
maximize the light-load efficiency so that the power supply
can meet stringent standby power regulations.
The frequency-hopping function reduces electro-magnetic
interference (EMI) of a power supply by spreading the
energy over a wider frequency range. The constant power
limit function minimizes the component stress in abnormal
condition and helps to optimize the power stage. Protection
functions; such as OCP, OLP, OVP, and OTP are fully
integrated into FAN6861, which improves the SMPS
reliability without increasing system cost.
This application note presents design considerations to apply
FAN6861 to a flyback power supply with peak load current
profile. It covers designing the transformer, selecting the
components, and closing the feedback loop. Figure 1 shows
a typical application circuit using FAN6861.
L
N
EMI
Filter
+
+
+
VO+
VO-
AC input
RT
FB
VDD
GATE
SENSE
GND
FAN6861
6
5
4
3
2
1
VIN
CIN
CSN1
RSN1
DSN
CDD1
CDD2
RSTART
RDAMP D
DD 2
RG
RCS
RCSF
CCSF
CFB
COUT1
COUT2
CSN2
RSN2
DOUT
RBIAS
R1
R2
CF
RDB
+
DDD1
KA431
Figure 1. Typical Application


Similar Part No. - AN-6861

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AN-686 AD-AN-686 Datasheet
55Kb / 2P
   APPLICATION NOTE
REV. 0
More results

Similar Description - AN-6861

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6747 FAIRCHILD-AN-6747 Datasheet
427Kb / 12P
   Control a Flyback Power Supply with Peak Current Output
AN-6846 FAIRCHILD-AN-6846 Datasheet
343Kb / 8P
   Control a Flyback Power Supply with Surge Current Output
AN-6858 FAIRCHILD-AN-6858 Datasheet
256Kb / 7P
   Control a Flyback Power Supply
logo
Sanken electric
SWF SANKEN-SWF Datasheet
114Kb / 2P
   High Peak Load Switch Mode Power Supplies With Current Resonant Switching
July 17, 2013
logo
Monolithic Power System...
EV3910-K-00A MPS-EV3910-K-00A Datasheet
449Kb / 9P
   Peak Current Mode PWM Controller Flyback EV Board
logo
Fairchild Semiconductor
AN-6741 FAIRCHILD-AN-6741 Datasheet
307Kb / 8P
   Flyback Power Supply Control
AN-6756 FAIRCHILD-AN-6756 Datasheet
575Kb / 13P
   Applying FAN6756 to Control a Flyback Power Supply
logo
Torex Semiconductor
XC8101 TOREX-XC8101_12 Datasheet
705Kb / 37P
   High Side Load Switch with Low Supply Current
XC8101AA01MR-G TOREX-XC8101AA01MR-G Datasheet
705Kb / 37P
   High Side Load Switch with Low Supply Current
XC8101-12 TOREX-XC8101-12 Datasheet
705Kb / 37P
   High Side Load Switch with Low Supply Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com