Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XD1002 Datasheet(PDF) 4 Page - Mimix Broadband

Part # XD1002
Description  0.05-50.0 GHz GaAs MMIC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XD1002 Datasheet(HTML) 4 Page - Mimix Broadband

  XD1002_10 Datasheet HTML 1Page - Mimix Broadband XD1002_10 Datasheet HTML 2Page - Mimix Broadband XD1002_10 Datasheet HTML 3Page - Mimix Broadband XD1002_10 Datasheet HTML 4Page - Mimix Broadband XD1002_10 Datasheet HTML 5Page - Mimix Broadband XD1002_10 Datasheet HTML 6Page - Mimix Broadband XD1002_10 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2010 - Rev 18-Jan-10
1
2
4
5
3
Vg2
RF In
RF Out
Vd
Vg1
1
2
4
5
1.300
(0.051)
0.295
(0.012)
1.950
(0.077)
0.0
0.0
0.295
(0.012)
3
0.695
(0.027)
1.005
(0.040)
1.360
(0.054)
Page 4 of 7
Mechanical Drawing
Bond Pad #1 (RF In)
Bond Pad #2 (Vg2)
Bond Pad #3 (Vd)
Bond Pad #4 (RF Out)
Bond Pad #5 (Vg1)
Bias Arrangement
Bypass Capacitors - See App Note [2]
0.05-50.0 GHz GaAs MMIC
Distributed Amplifier
(Note: Engineering designator is 25LN6DA0522)
Units: millimeters (inches) Bond pad dimensions are shown to center of bond pad.
Thickness: 0.110 +/- 0.010 (0.0043 +/- 0.0004), Backside is ground, Bond Pad/Backside Metallization: Gold
All DC Bond Pads are 0.100 x 0.100 (0.004 x 0.004). All RF Bond Pads are 0.100 x 0.200 (0.004 x 0.008)
Bond pad centers are approximately 0.109 (0.004) from the edge of the chip.
Dicing tolerance: +/- 0.005 (+/- 0.0002). Approximate weight: 1.417 mg.
RF Out
Vg1
RF In
Vd
Vg2
D1002-BD
XD1002-BD


Similar Part No. - XD1002_10

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XD1002-BD MIMIX-XD1002-BD Datasheet
358Kb / 6P
   0.05-50.0 GHz GaAs MMIC Distributed Amplifier
logo
M/A-COM Technology Solu...
XD1002-BD MA-COM-XD1002-BD Datasheet
989Kb / 7P
   0.05-50.0 GHz GaAs MMICDistributed Amplifier
logo
Mimix Broadband
XD1002-BD-000V MIMIX-XD1002-BD-000V Datasheet
358Kb / 6P
   0.05-50.0 GHz GaAs MMIC Distributed Amplifier
XD1002-BD-EV1 MIMIX-XD1002-BD-EV1 Datasheet
358Kb / 6P
   0.05-50.0 GHz GaAs MMIC Distributed Amplifier
logo
M/A-COM Technology Solu...
XD1002-BD MA-COM-XD1002-BD_15 Datasheet
989Kb / 7P
   Distributed AmplifierAbsolute
More results

Similar Description - XD1002_10

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XD1002 MIMIX-XD1002 Datasheet
336Kb / 6P
   0.05-50.0 GHz GaAs MMIC Distributed Amplifier
XD1002-BD MIMIX-XD1002-BD Datasheet
358Kb / 6P
   0.05-50.0 GHz GaAs MMIC Distributed Amplifier
logo
M/A-COM Technology Solu...
XD1002-BD MA-COM-XD1002-BD Datasheet
989Kb / 7P
   0.05-50.0 GHz GaAs MMICDistributed Amplifier
logo
Mimix Broadband
XD1001 MIMIX-XD1001_10 Datasheet
1Mb / 8P
   18.0-50.0 GHz GaAs MMIC
XD1001 MIMIX-XD1001 Datasheet
341Kb / 6P
   18.0-50.0 GHz GaAs MMIC Distributed Amplifier
XD1001-BD MIMIX-XD1001-BD Datasheet
259Kb / 6P
   18.0-50.0 GHz GaAs MMIC Distributed Amplifier
XX1000-BD MIMIX-XX1000-BD Datasheet
301Kb / 6P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1000 MIMIX-XX1000 Datasheet
497Kb / 6P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1000-BD_0708 MIMIX-XX1000-BD_0708 Datasheet
305Kb / 7P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
logo
Analog Devices
ADMV2101 AD-ADMV2101 Datasheet
399Kb / 5P
   SMT GaAs HBT MMIC Divide-by-4, 0.05 - 4 GHz
v00.0417
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com