Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBA50-09Y Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SBA50-09Y
Description  90V, 5A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBA50-09Y Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SBA50-09Y Datasheet HTML 1Page - Sanyo Semicon Device SBA50-09Y Datasheet HTML 2Page - Sanyo Semicon Device SBA50-09Y Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SBA50-09Y
No.4682-2/3


Similar Part No. - SBA50-09Y

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBA50-09J SANYO-SBA50-09J Datasheet
83Kb / 3P
   90V, 5A Rectifier
More results

Similar Description - SBA50-09Y

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB50-09J SANYO-SB50-09J Datasheet
73Kb / 3P
   90V, 5A Rectifier
SBA50-09J SANYO-SBA50-09J Datasheet
83Kb / 3P
   90V, 5A Rectifier
SB50-09 SANYO-SB50-09 Datasheet
73Kb / 3P
   90V, 5A Rectifier
logo
Shindengen Electric Mfg...
D5S9M SHINDENGEN-D5S9M Datasheet
603Kb / 11P
   Schottky Rectifiers (SBD) (90V 5A)
logo
Sanyo Semicon Device
SB02-09C SANYO-SB02-09C Datasheet
70Kb / 3P
   90V, 200mA Rectifier
SB005-09CP SANYO-SB005-09CP Datasheet
55Kb / 2P
   90V, 50mA Rectifier
SB05-09 SANYO-SB05-09 Datasheet
58Kb / 2P
   90V, 500mA Rectifier
SB100-09J SANYO-SB100-09J Datasheet
81Kb / 3P
   90V, 10A Rectifier
SB160-09R SANYO-SB160-09R Datasheet
80Kb / 3P
   90V, 16A Rectifier
SB100-09K SANYO-SB100-09K Datasheet
81Kb / 3P
   90V, 10A Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com