Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB1111C-0005 Datasheet(PDF) 1 Page - STANLEY ELECTRIC CO.,LTD.

Part # SB1111C-0005
Description  Single Color Low Current Type (IF=5mA)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

SB1111C-0005 Datasheet(HTML) 1 Page - STANLEY ELECTRIC CO.,LTD.

  SB1111C-0005 Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005 Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005 Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005 Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005 Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005 Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005 Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005 Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005 Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2010.12.01
Page 1
Features
1111C Series
Single Color Low Current Type (I
F=5mA)
・Outer Dimension 1.6 x 0.8 x 0.7mm ( L x W x H )
・Low Current Type (I
F=5mA)
・Temperature Range
Storage Temperature:-40℃~100℃
Operating Temperature:-40℃~85℃
・Lead-Free Soldering compatible
・RoHS Compliant
Package
Product Features
1608(t=0.7mm)Type, Milky White Resin
Die Materials
Recommended Applications
Communication Machine, Electric Household Appliances, OA/FA, Other General Applications
SB,SG : InGaN
YPY, FY, FA, FR : AlGalnP
Half Intensity Angle
SB, SG
:θx = 150 deg., θy =150 deg.
YPY,FY, FA, FR :θx = 140 deg., θy =150 deg.
Blue
: 470nm(SB)
Green
: 525nm(SG)
Yellow Green
: 572nm(YPY)
Yellow
: 590nm(FY)
Orange
: 605nm(FA)
Red
: 626nm(FR)
Dominant Wavelength
Rank Grouping Parameter
Assembly method
Soldering methods
Taping and reel
ESD
Sorted by luminous Intensity and wavelength per rank taping
Auto pick & place machine (Auto Mounter)
Reflow soldering / Manual Soldering
4,000pcs per reel in a 8mm width tape. (Standard)
Reel diameter:φ180mm
InGaN : Up to 1kV (HBM), AlGaInP : Up to 2kV (HBM)
SB,SG
YPY,FY,FA,FR
2011.01.12


Similar Part No. - SB1111C-0005

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
SB1111C-0005 STANLEY-SB1111C-0005 Datasheet
392Kb / 27P
   Single Color Ultra High Brightness Type
SB1111C-0005 STANLEY-SB1111C-0005 Datasheet
432Kb / 24P
   Single Color Low Current Type
More results

Similar Description - SB1111C-0005

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
1111C STANLEY-1111C_10 Datasheet
432Kb / 24P
   Single Color Low Current Type
logo
Rohm
SMLE12WBC7W ROHM-SMLE12WBC7W Datasheet
109Kb / 3P
   Low Current Type(IF 10mA)
SML-311DTT86 ROHM-SML-311DTT86 Datasheet
106Kb / 3P
   Low Current Type(IF 10mA)
SML-311UTT86K ROHM-SML-311UTT86K Datasheet
113Kb / 3P
   Low Current Type(IF 10mA)
logo
Solid State Optronic
SYZ6070 SSOUSA-SYZ6070 Datasheet
232Kb / 8P
   Low Input Control Current (5mA MAX)
SYZ6060 SSOUSA-SYZ6060 Datasheet
232Kb / 8P
   Low Input Control Current (5mA MAX)
SYZ6040 SSOUSA-SYZ6040 Datasheet
232Kb / 8P
   Low Input Control Current (5mA MAX)
SMA4217 SSOUSA-SMA4217 Datasheet
313Kb / 8P
   Low Input Control Current (5mA MAX)
SYZ6080 SSOUSA-SYZ6080 Datasheet
232Kb / 8P
   Low Input Control Current (5mA MAX)
logo
Guangdong Youtai Semico...
UMW817C UMW-UMW817C Datasheet
2Mb / 4P
   Current Conversion Ratio (Min 50% Working Condition IF=5mA, VCE=5V)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com