Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XL1007-QT Datasheet(PDF) 3 Page - Mimix Broadband

Part # XL1007-QT
Description  3.5-8.0 GHz GaAs MMIC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XL1007-QT Datasheet(HTML) 3 Page - Mimix Broadband

  XL1007-QT Datasheet HTML 1Page - Mimix Broadband XL1007-QT Datasheet HTML 2Page - Mimix Broadband XL1007-QT Datasheet HTML 3Page - Mimix Broadband XL1007-QT Datasheet HTML 4Page - Mimix Broadband XL1007-QT Datasheet HTML 5Page - Mimix Broadband XL1007-QT Datasheet HTML 6Page - Mimix Broadband XL1007-QT Datasheet HTML 7Page - Mimix Broadband XL1007-QT Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page 3 of 8
Low Noise Amplifier Measurements (cont.)
3.5-8.0 GHz GaAs MMIC
Packaged Low Noise Amplifier
L1007-QT
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
XL1007-QT: S11 Vs Temp @ 3V
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
Freq. (GHz)
-40°C
25°C
85°C
XL1007-QT: S11 Vs Temp @ 4V
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
Freq. (GHz)
-40°C
25°C
85°C
XL1007-QT: S11 Vs Temp @ 5V
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
Freq. (GHz)
-40°C
25°C
85°C
XL1007-QT: S22 Vs Voltage
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0123
456789
10
11
12
13
14
15
16
17
18
19
20
Freq. (GHz)
Vdd=3V
Vdd=4V
Vdd=5V
XL1007-QT: S22 Vs Temp @ 3V
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
Freq. (GHz)
-40°C
25°C
85°C
XL1007-QT: S22 Vs Temp @ 4V
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
Freq. (GHz)
-40°C
25°C
85°C
February 2009 - Rev 20-Feb-09


Similar Part No. - XL1007-QT

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XL1007-QT MIMIX-XL1007-QT Datasheet
425Kb / 7P
   3.5-8.0 GHz GaAs MMIC Packaged Low Noise Amplifier
XL1007-QT MIMIX-XL1007-QT Datasheet
454Kb / 7P
   3.5-8.0 GHz GaAs MMIC Packaged Low Noise Amplifier
logo
M/A-COM Technology Solu...
XL1007-QT MA-COM-XL1007-QT Datasheet
601Kb / 8P
   3.5-8.0 GHz GaAs MMIC
logo
Mimix Broadband
XL1007-QT-0G00 MIMIX-XL1007-QT-0G00 Datasheet
425Kb / 7P
   3.5-8.0 GHz GaAs MMIC Packaged Low Noise Amplifier
XL1007-QT-0G00 MIMIX-XL1007-QT-0G00 Datasheet
454Kb / 7P
   3.5-8.0 GHz GaAs MMIC Packaged Low Noise Amplifier
More results

Similar Description - XL1007-QT

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XL1007-QT MA-COM-XL1007-QT Datasheet
601Kb / 8P
   3.5-8.0 GHz GaAs MMIC
logo
Analog Devices
HMC392ALC4 AD-HMC392ALC4 Datasheet
751Kb / 12P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 8.0 GHz
logo
Mimix Broadband
XL1007-QT MIMIX-XL1007-QT_07 Datasheet
454Kb / 7P
   3.5-8.0 GHz GaAs MMIC Packaged Low Noise Amplifier
XL1007-QT MIMIX-XL1007-QT Datasheet
425Kb / 7P
   3.5-8.0 GHz GaAs MMIC Packaged Low Noise Amplifier
XU1014-BD MIMIX-XU1014-BD Datasheet
1Mb / 1P
   8.0-18.0 GHz GaAs MMIC Up-Converter
logo
M/A-COM Technology Solu...
MAAM28000 MA-COM-MAAM28000 Datasheet
221Kb / 4P
   Wide Band GaAs MMIC Amplifier 2.0 - 8.0 GHz
MAAM28000-A1 MA-COM-MAAM28000-A1 Datasheet
127Kb / 3P
   Wide Band GaAs MMIC Amplifier 2.0 - 8.0 GHz
logo
Hittite Microwave Corpo...
HMC392 HITTITE-HMC392 Datasheet
228Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
HMC392LC4 HITTITE-HMC392LC4 Datasheet
268Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
HMC392LH5 HITTITE-HMC392LH5_09 Datasheet
244Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com