Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCPF20N60 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FCPF20N60
Description  PFCPWM Combination Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCPF20N60 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FCPF20N60 Datasheet HTML 1Page - Fairchild Semiconductor FCPF20N60 Datasheet HTML 2Page - Fairchild Semiconductor FCPF20N60 Datasheet HTML 3Page - Fairchild Semiconductor FCPF20N60 Datasheet HTML 4Page - Fairchild Semiconductor FCPF20N60 Datasheet HTML 5Page - Fairchild Semiconductor FCPF20N60 Datasheet HTML 6Page - Fairchild Semiconductor FCPF20N60 Datasheet HTML 7Page - Fairchild Semiconductor FCPF20N60 Datasheet HTML 8Page - Fairchild Semiconductor FCPF20N60 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AN-8027
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 8/26/09
3
ISENSE
IAC
VRMS
VEA
IEA
R
M
R
M
R
RMS1
R
RMS2
R
RMS3
C
RMS1
C
RMS2
R
IAC
I
AC
V
IN
I
L
R
CS1
R
F1
C
F1
I
MO
R
IC
C
IC1
C
IC2
+
-
Drive logic
OPFC
2.5V
R
VC
R
VC1
R
VC2
FBPFC
R
FB1
R
FB2
V
O
VREF
Figure 5. Gain Modulation Block
I
AC
I
L
1
M
MO
CS
R
I
R
Figure 6. Inductor Current Shaping
The voltage control loop regulates PFC output voltage
using internal error amplifier such that the FBPFC voltage
is same as internal reference of 2.5V.
Brownout Protection
FAN480X has a built-in internal brownout protection
comparator monitoring the voltage of the VRMS pin. Once
the VRMS pin voltage is lower than 1.05V (0.9V for
FAN4802L), the PFC stage is shutdown to protect the
system from over current. The FAN480X starts up the
boost stage once the VRMS voltage increases above 1.9V
(1.65V for FAN4802L).
Two-Level PFC Output
To improve system efficiency at low AC line voltage and
light load condition, FAN480X provides two-level PFC
output voltage. As shown in Figure 7, FAN480X monitors
VEA and VRMS voltages to adjust the PFC output voltage.
When VEA and VRMS are lower than the thresholds, an
internal current source of 20
µA is enabled that flows
through RFB2, increasing the voltage of the FBPFC pin.
This causes the PFC output voltage to reduce when 20
µA
is enabled, calculated as:
12
22
2
(2 5 20
)
+
×
FB
FB
OPFC
FB
FB
RR
V. -
μAR
R
(5)
It is typical to set the second boost output voltage as
340V~300V.
Figure 7. Block of Two-Level PFC Output
Oscillator
The internal oscillator frequency of FAN480X is
determined by the timing resistor and capacitor on RT/CT
pin. The frequency of the internal oscillator is given by:
1
0.56
360
OSC
TT
T
f
R CC
=
⋅⋅
+
(6)
Because the PWM stage of FAN480X generally uses a
forward converter, it is required to limit the maximum duty
cycle at 50%. To have a small tolerance of the maximum
duty cycle, a frequency divider with toggle flip-flops is
used, as illustrated in Figure 8. The operation frequency of
PFC and PWM stage is one quarter (1/4) of the oscillator
frequency. (For FAN4800C and FAN4802/2L, the
operation frequencies for PFC and PWM stages are one
quarter (1/4) and one half (1/2) of the oscillator frequency,
respectively).
The dead time for the PFC gate drive signal is determined
by the equation:
360
DEAD
T
tC
=
(7)
The dead time should be smaller than 2% of switching
period to minimize line current distortion around line zero
crossing.
RT/
CT
VREF
OSC
TQ
T-FF
T
Q
OPWM (FAN4800C, FAN4802/2L)
OPFC, OPWM
T-FF
Figure 8. Oscillator Configuration


Similar Part No. - FCPF20N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCPF20N60 FAIRCHILD-FCPF20N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCPF20N60 FAIRCHILD-FCPF20N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCPF20N60 FAIRCHILD-FCPF20N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCPF20N60 FAIRCHILD-FCPF20N60 Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
FCPF20N60FS FAIRCHILD-FCPF20N60FS Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
More results

Similar Description - FCPF20N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC18500 TI-UCC18500 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com