Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16-213-T7D-AQ1R1QY-3T Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # 16-213-T7D-AQ1R1QY-3T
Description  0402 Package Chip LED (0.45mm Height)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

16-213-T7D-AQ1R1QY-3T Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button 16-213-T7D-AQ1R1QY-3T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 16-213-T7D-AQ1R1QY-3T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 16-213-T7D-AQ1R1QY-3T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 16-213-T7D-AQ1R1QY-3T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 16-213-T7D-AQ1R1QY-3T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 16-213-T7D-AQ1R1QY-3T Datasheet HTML 9Page - Everlight Electronics Co., Ltd 16-213-T7D-AQ1R1QY-3T Datasheet HTML 10Page - Everlight Electronics Co., Ltd 16-213-T7D-AQ1R1QY-3T Datasheet HTML 11Page - Everlight Electronics Co., Ltd 16-213-T7D-AQ1R1QY-3T Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2008-09-20 00:15:55.0
EVERLIGHT ELECTRONICS CO.,LTD.
16-213/T7D-AQ1R1QY/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1
Page: 9 of 12
Device No. : DSE-163-T04
Prepared date: 23-Jul-2007
Prepared by: Esther Yan
Carrier Tape Dimensions: Loaded quantity 3000 PCS per reel
Note: The tolerances unless mentioned is ±0.1mm ,Unit = mm
Moisture Resistant Packaging
Label
Desiccant
Label
Aluminum moisture-proof bag


Similar Part No. - 16-213-T7D-AQ1R1QY-3T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
16-213-T7D-AQ1R1QY-3T EVERLIGHT-16-213-T7D-AQ1R1QY-3T Datasheet
172Kb / 12P
   0402 Package Chip LED (0.45mm Height)
16-213-T7D-AQ1R1QY-3T EVERLIGHT-16-213-T7D-AQ1R1QY-3T_11 Datasheet
172Kb / 12P
   0402 Package Chip LED (0.45mm Height)
More results

Similar Description - 16-213-T7D-AQ1R1QY-3T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
16-213-BHC-ZL1M2QY-3T EVERLIGHT-16-213-BHC-ZL1M2QY-3T Datasheet
164Kb / 11P
   0402 Package Chip LED (0.45mm Height)
16-213-T7D-AQ1R1QY-3T EVERLIGHT-16-213-T7D-AQ1R1QY-3T_11 Datasheet
172Kb / 12P
   0402 Package Chip LED (0.45mm Height)
16-213-BHC-AN1P2-3T EVERLIGHT-16-213-BHC-AN1P2-3T Datasheet
163Kb / 10P
   0402 Package Chip LED (0.45mm Height)
16-213-T3D-AP1Q2QY-3T EVERLIGHT-16-213-T3D-AP1Q2QY-3T Datasheet
180Kb / 12P
   0402 Package Chip LED (0.45mm Height)
16-213-GHC-YR1S1-3T EVERLIGHT-16-213-GHC-YR1S1-3T Datasheet
146Kb / 11P
   0402 Package Chip LED (0.45mm Height)
16-213-R6C-A2225VZ-3T EVERLIGHT-16-213-R6C-A2225VZ-3T Datasheet
163Kb / 11P
   0402 Package Chip LED (0.45mm Height)
16-213-BHC-AN1P2-3T EVERLIGHT-16-213-BHC-AN1P2-3T Datasheet
346Kb / 10P
   0402 Package Chip LED (0.45mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
16-213-BHC-AN1P2-3T TO-GRACE-16-213-BHC-AN1P2-3T Datasheet
787Kb / 11P
   0402 Package Chip LED (0.45mm Height)
logo
Everlight Electronics C...
T3D-CP2Q2TY EVERLIGHT-T3D-CP2Q2TY Datasheet
159Kb / 12P
   Chip LED (0.45mm Height)
16-216-T3D-AQ1R2TY-3T EVERLIGHT-16-216-T3D-AQ1R2TY-3T Datasheet
191Kb / 10P
   0402 Package Chip LED (0.35mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com