Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1102F Datasheet(PDF) 1 Page - STANLEY ELECTRIC CO.,LTD.

Part # AN1102F
Description  Surface Mount IRED/Right Angle Type
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

AN1102F Datasheet(HTML) 1 Page - STANLEY ELECTRIC CO.,LTD.

  AN1102F Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. AN1102F Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. AN1102F Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. AN1102F Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. AN1102F Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. AN1102F Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. AN1102F Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. AN1102F Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. AN1102F Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
2009.11.15
Page 1
GaAs
TAN
AN
ESD
2kV (HBM)
□□1102F
: 940nm
: 950nm
TAN
AN
: θx = 30 deg., θy = 110 deg.
: θx = 35 deg., θy = 120 deg.
Package
Product features
・Outer Dimension 3.0 x 1.0 x 2.5mm ( L x W x H )
・Total Output Power
TAN
: 5.7mW TYP. (I
F=20mA)
AN
: 2.0mW TYP. (I
F=20mA)
・Lead–free soldering compatible
・RoHS compliant
Peak Wavelength
Half Intensity Angle
Die materials
Rank grouping parameter
Assembly method
Soldering methods
Reflow soldering
※Please refer to Soldering Conditions about soldering.
Auto pick & place machine (Auto Mounter)
Sorted by radiant intensity per rank taping
3,000pcs per reel in a 8mm width tape. (Standard)
Reel diameter:φ180mm
Taping and reel
Recommended Applications
Car Audio, Electric Household Appliances, OA/FA, PC/Peripheral Equipment, Other General Applications
Features
Surface Mount IRED/Right Angle Type
Right Angle type, Water clear epoxy


Similar Part No. - AN1102F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN11024 PHILIPS-AN11024 Datasheet
1Mb / 19P
   SDARS active antenna 2nd stage LNA with BFU690, 2.33 GHz
Rev. 1-24 March 2011
logo
STANLEY ELECTRIC CO.,LT...
AN1102W STANLEY-AN1102W Datasheet
183Kb / 10P
   Surface Mount IRED/Inner Lens Type
AN1102W STANLEY-AN1102W Datasheet
288Kb / 17P
   Surface Mount IRED/Inner Lens Type
More results

Similar Description - AN1102F

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
AN1111R STANLEY-AN1111R Datasheet
186Kb / 10P
   Surface Mount IRED/Reverse Mount Type
DNK1111R STANLEY-DNK1111R Datasheet
255Kb / 14P
   Surface Mount IRED/Reverse Mount Type
DNK1105W STANLEY-DNK1105W Datasheet
280Kb / 14P
   Surface Mount IRED/Dome Lens Type
AN504 STANLEY-AN504 Datasheet
176Kb / 10P
   Through-hole IRED/Right Angle Type
DNK1101W STANLEY-DNK1101W Datasheet
544Kb / 14P
   Surface Mount IRED/Inner Lens Type
DNK1102W STANLEY-DNK1102W Datasheet
288Kb / 17P
   Surface Mount IRED/Inner Lens Type
AN1102W STANLEY-AN1102W Datasheet
183Kb / 10P
   Surface Mount IRED/Inner Lens Type
DN1102W STANLEY-DN1102W Datasheet
193Kb / 10P
   Surface Mount IRED/Inner Lens Type
AN1111C STANLEY-AN1111C Datasheet
185Kb / 10P
   Surface Mount IRED
logo
List of Unclassifed Man...
DN1102WE ETC2-DN1102WE Datasheet
183Kb / 10P
   Surface Mount IRED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com