Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP1005-BD Datasheet(PDF) 6 Page - Mimix Broadband

Part # XP1005-BD
Description  35.0-43.0 GHz GaAs MMIC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1005-BD Datasheet(HTML) 6 Page - Mimix Broadband

  XP1005-BD_11 Datasheet HTML 1Page - Mimix Broadband XP1005-BD_11 Datasheet HTML 2Page - Mimix Broadband XP1005-BD_11 Datasheet HTML 3Page - Mimix Broadband XP1005-BD_11 Datasheet HTML 4Page - Mimix Broadband XP1005-BD_11 Datasheet HTML 5Page - Mimix Broadband XP1005-BD_11 Datasheet HTML 6Page - Mimix Broadband XP1005-BD_11 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
35.0-43.0 GHz GaAs MMIC
Power Amplifier
Page 6 of 7
Device Schematic
R=14.3
R=57.0
R=5.5 R=18.3
R=14.3
R=57.0
R=5.5
RF In
R=9.1
R=5.6
R=5.6
R=5.6
R=14.3
R=7.1
R=4.6
R=50.0
R=7.1
R=4.6
R=2.3
R=50.0
R=5.6
RF Out
R=2.3
Vd4A
Vg4A
Vd3A
Vg3A
Vd4B
Vg4B
Vd3B
Vg3B
R=14.3
Vd1
Vg1
Vg2
Vd2
Typical Application
Mimix Broadband MMIC-based 36.0-40.0 GHz Transmitter Block Diagram
(Changing LO and IF frequencies as required allows design to operate as high as 40 GHz)
IF IN
2 GHz
XB1005-BD
XP1005-BD
XU1001-BD
Sideband
Reject
RF Out
37.0-39.5 GHz
LO(+15dBm)
17.5-18.75 GHz (USB Operation)
19.5-20.75 GHz (LSB Operation)
P1005-BD
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2011 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2011 - Rev 22-Mar-11


Similar Part No. - XP1005-BD_11

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1005-BD-000V MIMIX-XP1005-BD-000V Datasheet
281Kb / 7P
   35.0-43.0 GHz GaAs MMIC Power Amplifier
XP1005-BD-EV1 MIMIX-XP1005-BD-EV1 Datasheet
281Kb / 7P
   35.0-43.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
XP1005-BD-V2 MA-COM-XP1005-BD-V2 Datasheet
899Kb / 9P
   Power Amplifier
XP1005-BD-V2 MA-COM-XP1005-BD-V2_15 Datasheet
899Kb / 9P
   Power Amplifier
More results

Similar Description - XP1005-BD_11

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1005-BD MIMIX-XP1005-BD Datasheet
281Kb / 7P
   35.0-43.0 GHz GaAs MMIC Power Amplifier
XP1005 MIMIX-XP1005 Datasheet
426Kb / 7P
   35.0-43.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
XP1003-BD MA-COM-XP1003-BD Datasheet
554Kb / 6P
   27.0-35.0 GHz GaAs MMIC
logo
Mimix Broadband
XL1001-BD MIMIX-XL1001-BD_10 Datasheet
1Mb / 9P
   17.0-35.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XU1006-BD MA-COM-XU1006-BD Datasheet
1Mb / 1P
   35.0-42.0 GHz GaAs MMIC
logo
Mimix Broadband
XP1003-BD MIMIX-XP1003-BD Datasheet
565Kb / 6P
   27.0-35.0 GHz GaAs MMIC
B1005-BD MIMIX-B1005-BD_08 Datasheet
727Kb / 12P
   35.0-45.0 GHz GaAs MMIC
XB1002 MIMIX-XB1002 Datasheet
412Kb / 6P
   36.0-43.0 GHz GaAs MMIC Buffer Amplifier
XU1006-BD MIMIX-XU1006-BD Datasheet
1Mb / 1P
   35.0-42.0 GHz GaAs MMIC Transmitter
XP1018 MIMIX-XP1018 Datasheet
306Kb / 6P
   35.0-45.0 GHz GaAs MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com