Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16-916-T1D-AP1Q2QY-3T Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # 16-916-T1D-AP1Q2QY-3T
Description  Chip LED with Right Angle Lens
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

16-916-T1D-AP1Q2QY-3T Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  16-916-T1D-AP1Q2QY-3T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 16-916-T1D-AP1Q2QY-3T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 16-916-T1D-AP1Q2QY-3T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 16-916-T1D-AP1Q2QY-3T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 16-916-T1D-AP1Q2QY-3T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 16-916-T1D-AP1Q2QY-3T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 16-916-T1D-AP1Q2QY-3T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 16-916-T1D-AP1Q2QY-3T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 16-916-T1D-AP1Q2QY-3T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
16-916/T1D-AP1Q2QY/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 4 of 12
Device No: DSE-0000593
Prepared date: 2-Aug-2007
Prepared by: Jay Chou
Electro-Optical Characteristics (Ta=25
)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
Iv
45.0
----
112.0
mcd
Viewing Angle
2θ1/2
----
120
----
deg
Forward Voltage
VF
2.7
----
3.2
V
IF=5mA
Reverse Current
IR
----
----
50
μA
VR=5V
Bin Range Of Luminous Intensity
Bin
Min
Max
Unit
Condition
P1
45.0
57.0
P2
57.0
72.0
Q1
72.0
90.0
Q2
90.0
112.0
mcd
IF=5mA
Bin Range Of Forward Voltage
Bin
Min
Max
Unit
Condition
29
2.70
2.80
30
2.80
2.90
31
2.90
3.00
32
3.00
3.10
33
3.10
3.20
V
IF=5mA
Notes:
1.Tolerance of Luminous Intensity ±11%
2.Tolerance of Forward Voltage ±0.05V


Similar Part No. - 16-916-T1D-AP1Q2QY-3T

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
16-916-T1D-AP1Q2QY-3T TO-GRACE-16-916-T1D-AP1Q2QY-3T Datasheet
761Kb / 11P
   Package in 8mm tape on 7?엀iameter reel.
More results

Similar Description - 16-916-T1D-AP1Q2QY-3T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
12-21-T3D-AQ2S2M-2C EVERLIGHT-12-21-T3D-AQ2S2M-2C Datasheet
167Kb / 12P
   Chip LED with Right Angle Lens
27-21-T1D-CQ1R2NW-3C EVERLIGHT-27-21-T1D-CQ1R2NW-3C Datasheet
172Kb / 12P
   Chip LED with Right Angle Lens
48-213-BHC-ZM2P1QY-3C EVERLIGHT-48-213-BHC-ZM2P1QY-3C Datasheet
149Kb / 10P
   Chip LED with Right Angle Lens
12-21C-BHC-AN1P2-2C EVERLIGHT-12-21C-BHC-AN1P2-2C Datasheet
198Kb / 10P
   Chip LED with Right Angle Lens
12-215-BHC-AN1P2-3C EVERLIGHT-12-215-BHC-AN1P2-3C_04 Datasheet
143Kb / 10P
   Chip LED with Right Angle Lens
12-215-G6C-AL2M2B-3C EVERLIGHT-12-215-G6C-AL2M2B-3C Datasheet
137Kb / 10P
   Chip LED with Right Angle Lens
12-215-Y2C-CP1Q2B-3C EVERLIGHT-12-215-Y2C-CP1Q2B-3C Datasheet
149Kb / 10P
   Chip LED with Right Angle Lens
27-21SURC EVERLIGHT-27-21SURC Datasheet
163Kb / 9P
   Chip LED with Right Angle Lens
27-21SYGC EVERLIGHT-27-21SYGC_05 Datasheet
151Kb / 9P
   Chip LED with Right Angle Lens
12-215-BHC-XL1M2HY-3C EVERLIGHT-12-215-BHC-XL1M2HY-3C Datasheet
139Kb / 10P
   Chip LED with Right Angle Lens
12-21C-BHC-YL1M2HY-2C EVERLIGHT-12-21C-BHC-YL1M2HY-2C_11 Datasheet
203Kb / 10P
   Chip LED with Right Angle Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com