Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-42041 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # AN-42041
Description  5th-Order S-Video Filter/Driver Reduces NTSC/PAL System Parts Count
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-42041 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  AN-42041 Datasheet HTML 1Page - Fairchild Semiconductor AN-42041 Datasheet HTML 2Page - Fairchild Semiconductor AN-42041 Datasheet HTML 3Page - Fairchild Semiconductor AN-42041 Datasheet HTML 4Page - Fairchild Semiconductor AN-42041 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AN-42041
APPLICATION NOTE
© 1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
AN-42041 Rev. 1.0.1
2
Procedure
Do not turn the power supply on until all connections shown
in Figure 2 are completed.
1. Set the power supply to 0V. Connect the power supply to
the FMS6400 Demo Board.
NOTE:
Use the shortest possible cables (50Ω or 75Ω) for all the
following video connections.
2. Connect the video source “S-Video Out” to the “YIN
and “CIN” connectors on the demo board.
3. Connect “YOUT” and “COUT” from the test board to
S-Video input of the monitor.
4. Connect “CVOUT” from the test board to line A
of the monitor.
5. Adjust the input voltage to 5V. Verify that the test board
is not drawing excessive current (75mA).
6. Apply the video test signal to the test board. A high-
quality image should appear on the monitor screen.
NOTE:
It may be necessary to connect the video test signal di-
rectly into Line C of the monitor to ensure the test
signal is present and of high quality.
7. Switch the monitor input to line A (Y and COUT).
8. Note the effect of the filter action on the video signal.
9. Switch the monitor input to Line B (CVOUT).
10. Note the effect of the filter action on the video signal.
Figure 2. Connection Diagram
Monitor
FMS6400 Test Board
+5V
GND
YOUT
COUT
CVOUT2
CVOUT1
DC Power Supply
+
Y
Signal Source
CIN
IN
COUT
YOUT
Line A
Results
The Bode plot in Figure 3 is a non-subjective measure of the
FMS6400 filtering action. A network analyzer was connected
to either input channel with a 200mV RMS test signal and a
plot was made of the frequency response of output vs. input.
The resulting amplitude vs. frequency plot demonstrates the
accuracy of the FMS6400 regarding flatness of response: 3dB
(cutoff) point at 7.1MHz and linear 50dB/decade rolloff
above cutoff.
Time domain measurements are shown in Figures 4 and 5.
Note the filtering action performed on the ‘choppy’ DAC
input signal. The video signal was a standard color-bar pattern.
The luma channel (Figure 4) contains the video signal ampli-
tude, while the chroma channel (Figure 5) carries the color
information. Note that the D/A artifacts are reduced by at
least a factor of 10. Though not shown, the composite output
is the filtered arithmetic sum of the luma and chroma chan-
nels.
Figure 6 illustrates applications where the video signal is
undersampled or requires a steeper rolloff. Two filters are
cascaded for a 160dB/decade rolloff. Note the use of 150Ω
termination resistors on U1’s output (Figure 7). This is done
to reduce the loading on U1 and preserve the DC restoration
capability of U2. Do not increase the termination resistor val-
ues above 240Ω. If the resistor values are increased,
decrease the series capacitors proportionately. This cascading
technique can be used with additional filters to obtain even
steeper rolloffs with minimal effect on the -3dB point.


Similar Part No. - AN-42041

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-42047 FAIRCHILD-AN-42047 Datasheet
558Kb / 11P
   Power Factor Correction
More results

Similar Description - AN-42041

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9148 SGMICRO-SGM9148 Datasheet
431Kb / 10P
   5th-Order Video Driver
SGM9119 SGMICRO-SGM9119 Datasheet
293Kb / 11P
   5th-Order, Standard Definition Video Filter Driver
SGM9114 SGMICRO-SGM9114_16 Datasheet
456Kb / 11P
   8MHz, 5th-Order Video Driver
SGM9121 SGMICRO-SGM9121_16 Datasheet
456Kb / 11P
   8MHz, 5th-Order Video Driver
SGM9113 SGMICRO-SGM9113 Datasheet
412Kb / 12P
   8MHz, 5th-Order Video Driver
SGM9124 SGMICRO-SGM9124 Datasheet
290Kb / 10P
   4-Channel, 5th-Order, Standard Definition Video Filter Driver
REV. A. 2
SGM9127 SGMICRO-SGM9127 Datasheet
300Kb / 10P
   4-Channel, 5th-Order, Standard Definition Video Filter Driver
SGM9121 SGMICRO-SGM9121 Datasheet
313Kb / 11P
   5th-Order Video Driver with 6dB Gain
logo
Linear Technology
LTC1062 LINER-LTC1062_15 Datasheet
201Kb / 16P
   5th Order Lowpass Filter
logo
Intersil Corporation
HMP8190 INTERSIL-HMP8190 Datasheet
227Kb / 32P
   NTSC/PAL Video Encoder
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com