Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCBS-12-01 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # LCBS-12-01
Description  Dual BCM PFC Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LCBS-12-01 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  LCBS-12-01 Datasheet HTML 1Page - Fairchild Semiconductor LCBS-12-01 Datasheet HTML 2Page - Fairchild Semiconductor LCBS-12-01 Datasheet HTML 3Page - Fairchild Semiconductor LCBS-12-01 Datasheet HTML 4Page - Fairchild Semiconductor LCBS-12-01 Datasheet HTML 5Page - Fairchild Semiconductor LCBS-12-01 Datasheet HTML 6Page - Fairchild Semiconductor LCBS-12-01 Datasheet HTML 7Page - Fairchild Semiconductor LCBS-12-01 Datasheet HTML 8Page - Fairchild Semiconductor LCBS-12-01 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
www.fairchildsemi.com
© 2010 Fairchild Semiconductor Corporation
5
FEB279_FAN9611/12 • Rev. 0.0.2
3. Specifications
This board has been designed and optimized for the following conditions:
Input Voltage Range
Rated Output Power
Output Voltage
(Rated Current)
VIN Nominal : 85~264VAC
VDD Supply : 13VDC~18VDC
400W
400V-1A
Note:
1.
Minimum output voltage during the 20ms hold-up time is 330VDC.
VLINE = 85~264VAC
VOUT = 400V
fSW > 50kHz
Efficiency > 96% down to 20% load (115VAC)
Efficiency > 97% down to 20% load (230VAC)
PF > 0.99 at full load
The trip points for the built-in protections are set as below in the evaluation board.
The non-latching output OVP trip point is set at 108% of the nominal output voltage.
The latching output OVP trip point is set at 117% of the nominal output voltage.
The line UVLO (brownout protection) trip point is set at 68VAC (10VAC hysteresis).
The pulse-by-pulse current limit for each MOSFET is set at 9.1A.
The maximum power limit is set at ~120% of the rated output power. The phase
management function permits phase shedding/adding ~15% of the nominal output power
for high line (230VAC). This level can be programmed by modifying MOT resistor (R6).


Similar Part No. - LCBS-12-01

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
LCB SEI-LCB Datasheet
277Kb / 3P
   Ceramic Housed Current Sensing Resistor with 2 Leads
11/30/2020
logo
OSRAM GmbH
LCB-CRBP OSRAM-LCB-CRBP Datasheet
1,016Kb / 22P
   SMD ceramic package with silicone lens
LCB-T67S OSRAM-LCB-T67S Datasheet
647Kb / 24P
   white PLCC-2 package, colored diffused resin
LCB-TVSG OSRAM-LCB-TVSG Datasheet
694Kb / 24P
   white PLCC-2 package, colored diffused silicone resin
logo
Omron Electronics LLC
LCB01 OMRON-LCB01 Datasheet
578Kb / 10P
    Integrated Loop Control and Sequence
More results

Similar Description - LCBS-12-01

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN9612M FAIRCHILD-FAN9612M Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controller
FAN9611 FAIRCHILD-FAN9611_11 Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
FAN9611_1112 FAIRCHILD-FAN9611_1112 Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
logo
NXP Semiconductors
TEA19162T NXP-TEA19162T Datasheet
283Kb / 30P
   PFC controller
Rev. 1-10 March 2016
TEA19162T NXP-TEA19162T_V01 Datasheet
343Kb / 30P
   PFC controller
Rev. 3-7 May 2018
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653_15 Datasheet
219Kb / 21P
   PFC Controller
May, 2015 ??Rev. 10
logo
NXP Semiconductors
TEA19162CT NXP-TEA19162CT Datasheet
340Kb / 29P
   PFC controller
Rev. 2-26 February 2020
logo
Fairchild Semiconductor
AN-9732 FAIRCHILD-AN-9732 Datasheet
2Mb / 22P
   LED Application Design Guide Using BCM Power Factor Correction (PFC) Controller for 200W Lighting System
FAN7528 FAIRCHILD-FAN7528_07 Datasheet
2Mb / 21P
   Dual-Output, Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com