Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP1015-BD Datasheet(PDF) 5 Page - Mimix Broadband

Part # XP1015-BD
Description  43.5-46.5 GHz GaAs MMIC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1015-BD Datasheet(HTML) 5 Page - Mimix Broadband

  XP1015-BD_10 Datasheet HTML 1Page - Mimix Broadband XP1015-BD_10 Datasheet HTML 2Page - Mimix Broadband XP1015-BD_10 Datasheet HTML 3Page - Mimix Broadband XP1015-BD_10 Datasheet HTML 4Page - Mimix Broadband XP1015-BD_10 Datasheet HTML 5Page - Mimix Broadband XP1015-BD_10 Datasheet HTML 6Page - Mimix Broadband XP1015-BD_10 Datasheet HTML 7Page - Mimix Broadband XP1015-BD_10 Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Page 5 of 8
Mechanical Drawing
Bias Arrangement
Bypass Capacitors - See App Note [2]
(Note: Engineering designator is 44MPA0475)
Units: millimeters (inches) Bond pad dimensions are shown to center of bond pad.
Thickness: 0.110 +/- 0.010 (0.0043 +/- 0.0004), Backside is ground, Bond Pad/Backside Metallization: Gold
All DC Bond Pads are 0.100 x 0.100 (0.004 x 0.004). All RF Bond Pads are 0.100 x 0.200 (0.004 x 0.008)
Bond pad centers are approximately 0.109 (0.004) from the edge of the chip.
Dicing tolerance: +/- 0.005 (+/- 0.0002). Approximate weight: 13.349 mg.
Bond Pad #1 (RF In)
Bond Pad #2 (Vg1A)
Bond Pad #3 (Vd1A)
Bond Pad #4 (Vg2A)
Bond Pad #5 (Vd2A)
Bond Pad #6 (Vg3A)
Bond Pad #7 (Vd3A)
Bond Pad #8 (RF Out)
Bond Pad #9 (Vd3B)
Bond Pad #10 (Vg3B)
Bond Pad #11 Vd2B)
Bond Pad #12 (Vg2B)
Bond Pad #13 (Vd1B)
Bond Pad #14 (Vg1B)
43.5-46.5 GHz GaAs MMIC
Power Amplifier
4.630
(0.182)
1
2
3
4
5
6
7
8
9
10
11
12
13
1.226
(0.048)
1.725
(0.068)
2.225
(0.088)
2.625
(0.103)
3.827
(0.151)
3.225
(0.127)
2.625
(0.103)
2.225
(0.088)
1.725
(0.068)
1.226
(0.048)
0.0
0.0
2.620
(0.103)
14
3.225
(0.127)
3.827
(0.151)
2.006
(0.079)
4.650
(0.183)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
RF In
RF Out
Vg3
Vg2
Vg1
Vd3
Vd2
Vd1
P1015-BD
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2010 - Rev 22-Jan-10
XP1015-BD
XP1015-BD


Similar Part No. - XP1015-BD_10

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1015-BD-000V MIMIX-XP1015-BD-000V Datasheet
228Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1015-BD-EV1 MIMIX-XP1015-BD-EV1 Datasheet
228Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
More results

Similar Description - XP1015-BD_10

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1016-BD MIMIX-XP1016-BD_10 Datasheet
998Kb / 8P
   43.5-46.5 GHz GaAs MMIC
XP1016-BD MIMIX-XP1016-BD Datasheet
297Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1015 MIMIX-XP1015 Datasheet
1Mb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1028-BD MIMIX-XP1028-BD Datasheet
345Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
44MPA0478 MIMIX-44MPA0478 Datasheet
436Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1016 MIMIX-XP1016 Datasheet
673Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1015-BD MIMIX-XP1015-BD Datasheet
228Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
logo
List of Unclassifed Man...
HMC1093 ETC2-HMC1093 Datasheet
514Kb / 10P
   GaAs MMIC SUB HARMONIC MIXER, 37 - 46.5 GHz
logo
Hittite Microwave Corpo...
HMC969 HITTITE-HMC969 Datasheet
859Kb / 10P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 40 - 43.5 GHz
logo
Mimix Broadband
CMM0016-BD MIMIX-CMM0016-BD_09 Datasheet
277Kb / 9P
   2.0-22.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com