Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN102 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN102
Description  Primary-Side-Control PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN102 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN102_09 Datasheet HTML 1Page - Fairchild Semiconductor FAN102_09 Datasheet HTML 2Page - Fairchild Semiconductor FAN102_09 Datasheet HTML 3Page - Fairchild Semiconductor FAN102_09 Datasheet HTML 4Page - Fairchild Semiconductor FAN102_09 Datasheet HTML 5Page - Fairchild Semiconductor FAN102_09 Datasheet HTML 6Page - Fairchild Semiconductor FAN102_09 Datasheet HTML 7Page - Fairchild Semiconductor FAN102_09 Datasheet HTML 8Page - Fairchild Semiconductor FAN102_09 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
April 2009
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN102 Rev. 1.0.3
FAN102
Primary-Side-Control PWM Controller
Features
Constant-Voltage (CV) and Constant-Current (CC)
Control without Secondary-Feedback Circuitry
Green Mode: Frequency Reduction at Light Load
Fixed PWM Frequency at 42kHz with Frequency
Hopping to Reduce EMI
Cable Voltage Drop Compensation in CV Mode
Low Startup Current: 10μA
Low Operating Current: 3.5mA
Peak-Current-Mode Control in CV Mode
Cycle-by-Cycle Current Limiting
VDD Over-Voltage Protection with Auto-Restart
VDD Under-Voltage Lockout (UVLO)
Gate Output Maximum Voltage Clamped at 18V
Fixed Over-Temperature Protection with Auto-
Restart
SOP-8 Package Available
Applications
Battery Chargers for Cellular Phones, Cordless
Phones, PDA, Digital Cameras, Power Tools
Replaces Linear Transformer and RCC SMPS
Offline High Brightness (HB) LED Drivers
Description
The primary-side PWM controller significantly simplifies
power supply design that requires CV and CC regulation
capabilities. The FAN102 controls the output voltage
and current precisely with the information in the primary
side of the power supply, not only removing the output
current sensing loss, but eliminating all secondary
feedback circuitry.
The green-mode function with a low startup current
(10µA) maximizes the light-load efficiency so the power
supply can meet stringent standby power regulations.
Compared
with
a
conventional
secondary-side
regulation approach, the FAN102 can reduce total cost,
component
count,
size,
and
weight;
while
simultaneously increasing efficiency, productivity, and
system reliability.
A typical output CV/CC characteristic envelope is shown
in Figure 1.
Figure 1.
Typical Output V-I Characteristic
Ordering Information
Part Number
Operating
Temperature Range
Eco Status
Package
Packing
Method
FAN102MY
-40°C to +105°C
Green
8-Lead, Small Outline Package (SOP-8)
Tape & Reel
For Fairchild’s definition of Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.


Similar Part No. - FAN102_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN102MY FAIRCHILD-FAN102MY Datasheet
959Kb / 14P
   Primary-Side-Control PWM Controller
More results

Similar Description - FAN102_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
SGP100 FAIRCHILD-SGP100 Datasheet
497Kb / 14P
   Primary-side-control PWM Controller
FAN102 FAIRCHILD-FAN102 Datasheet
959Kb / 14P
   Primary-Side-Control PWM Controller
FAN100 FAIRCHILD-FAN100_09 Datasheet
517Kb / 16P
   Primary-Side-Control PWM Controller
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
   Primary Side PWM Controller
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
[Old version datasheet]   Primary Side PWM Controller
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2208 ETC-AS2208 Datasheet
32Kb / 6P
   Primary Side PWM Controller
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
   Primary-Side-Regulation PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com