Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXER60N120 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXER60N120
Description  NPT3 IGBT in ISOPLUS 247
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXER60N120 Datasheet(HTML) 4 Page - IXYS Corporation

  IXER60N120_06 Datasheet HTML 1Page - IXYS Corporation IXER60N120_06 Datasheet HTML 2Page - IXYS Corporation IXER60N120_06 Datasheet HTML 3Page - IXYS Corporation IXER60N120_06 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 - 4
© 2006 IXYS All rights reserved
IXER 60N120
0
20
40
60
80
100
120
0
4
8
12
16
20
0
10
20
30
40
50
60
70
80
90
100
20
40
60
80
100
0
2
4
6
8
0
200
400
600
800
0.0001
0.001
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
0
20
40
60
80
100
120
0
2
4
6
8
10
12
0
200
400
600
800
1000
1200
0
20
40
60
80
100
120
0.0
2.5
5.0
7.5
10.0
12.5
15.0
0
50
100
150
200
250
300
0
200
400
600
800 1000 1200 1400
0
20
40
60
80
100
120
Eoff
td(off)
tf
Eoff
td(off)
tf
I
C
A
I
C
A
E
off
E
on
t
t
R
G
Ω
R
G
Ω
V
CE
t
s
mJ
E
on
mJ
E
off
ns
t
ns
t
I
CM
K/W
Z
thJC
V
A
mJ
ns
mJ
ns
tr
Eon
tr
td(on)
V
CE = 600 V
V
GE = ±15 V
R
G = 22 Ω
T
VJ
= 125°C
V
CE = 600 V
V
GE = ±15 V
R
G = 22 Ω
T
VJ = 125°C
V
CE = 600 V
V
GE = ±15 V
I
C
= 50 A
T
VJ = 125°C
V
CE = 600 V
V
GE = ±15 V
I
C
= 50 A
T
VJ = 125°C
Eon
R
G = 22 Ω
T
VJ = 125°C
single pulse
td(on)
IXER60N120
Fig. 7
Typ. turn on energy and switching
Fig. 8
Typ. turn off energy and switching
times versus gate resistor
times versus gate resistor
Fig. 5
Typ. turn on energy and switching
Fig. 6
Typ. turn off energy and switching
times versus collector current
times versus collector current
Fig. 9
Reverse biased safe operating area
Fig. 10 Typ. transient thermal impedance
RBSOA


Similar Part No. - IXER60N120_06

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXER60N120 IXYS-IXER60N120 Datasheet
54Kb / 2P
   NPT3 IGBT
More results

Similar Description - IXER60N120_06

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXER20N120 IXYS-IXER20N120 Datasheet
364Kb / 4P
   NPT3 IGBT in ISOPLUS247
IXER60N120 IXYS-IXER60N120 Datasheet
54Kb / 2P
   NPT3 IGBT
FII30-12E IXYS-FII30-12E Datasheet
72Kb / 4P
   NPT3 IGBT
IXSR35N120BD1 IXYS-IXSR35N120BD1 Datasheet
74Kb / 2P
   IGBT with Diode ISOPLUS 247 (Electrically Isolated Backside)
IXSR40N60BD1 IXYS-IXSR40N60BD1 Datasheet
39Kb / 2P
   IGBT with Diode ISOPLUS 247 (Electrically Isolated Backside)
IXEN60N120 IXYS-IXEN60N120_07 Datasheet
97Kb / 4P
   NPT3 IGBT in miniBLOC package
IXEH40N120 IXYS-IXEH40N120 Datasheet
81Kb / 4P
   NPT3 IGBT
IXEH25N120 IXYS-IXEH25N120 Datasheet
182Kb / 4P
   NPT3 IGBT
IXER35N120D1 IXYS-IXER35N120D1_06 Datasheet
243Kb / 4P
   NPT3 IGBT with Diode in ISOPLUS247
FID36-06D IXYS-FID36-06D Datasheet
47Kb / 2P
   IGBT Chopper in ISOPLUS i4-PACTM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com