Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP1019-BD Datasheet(PDF) 3 Page - Mimix Broadband

Part # XP1019-BD
Description  17.0-24.0 GHz GaAs MMIC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1019-BD Datasheet(HTML) 3 Page - Mimix Broadband

  XP1019-BD Datasheet HTML 1Page - Mimix Broadband XP1019-BD Datasheet HTML 2Page - Mimix Broadband XP1019-BD Datasheet HTML 3Page - Mimix Broadband XP1019-BD Datasheet HTML 4Page - Mimix Broadband XP1019-BD Datasheet HTML 5Page - Mimix Broadband XP1019-BD Datasheet HTML 6Page - Mimix Broadband XP1019-BD Datasheet HTML 7Page - Mimix Broadband XP1019-BD Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
17.0-24.0 GHz GaAs MMIC
Power Amplifier
S-Parameters
Page 3 of 8
Typical S-Parameter Data for XP1019
Vd=5.0 V Id=700 m A
Frequency
S11
S11
S21
S21
S12
S12
S22
S22
(GHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
10.0
0.252
122.39
0.379
-26.37
0.0003
-163.87
0.890
-89.12
11.0
0.373
112.12
0.920
-102.87
0.0006
172.52
0.872
-98.32
12.0
0.391
89.89
1.507
-169.30
0.0007
159.33
0.858
-108.64
13.0
0.349
61.57
2.365
133.83
0.0010
137.93
0.829
-120.69
14.0
0.279
22.84
3.747
76.53
0.0008
108.61
0.776
-134.36
15.0
0.237
-28.45
5.584
14.91
0.0009
112.87
0.687
-149.39
16.0
0.260
-78.69
7.363
-49.63
0.0010
106.94
0.566
-165.22
17.0
0.314
-114.97
8.498
-113.35
0.0010
102.86
0.426
178.12
18.0
0.356
-142.47
8.985
-174.76
0.0021
74.88
0.264
157.69
19.0
0.363
-162.55
8.815
126.97
0.0023
33.03
0.078
138.88
20.0
0.355
-177.85
8.498
72.57
0.0022
-12.77
0.086
-77.25
21.0
0.351
164.00
8.600
19.84
0.0006
-41.57
0.202
-91.01
22.0
0.294
136.19
9.007
-35.96
0.0004
5.99
0.285
-113.09
23.0
0.167
83.71
9.510
-98.83
0.0008
20.82
0.335
-139.02
24.0
0.193
-39.25
8.785
-171.72
0.0010
1.80
0.356
-170.99
25.0
0.373
-94.57
6.139
113.00
0.0011
-24.23
0.381
145.32
26.0
0.479
-119.90
3.595
44.81
0.0008
-61.44
0.451
95.77
27.0
0.563
-134.63
1.901
-17.57
0.0006
-89.82
0.573
50.86
28.0
0.646
-146.72
0.923
-73.69
0.0004
-107.07
0.704
15.17
29.0
0.723
-158.47
0.422
-122.99
0.0003
-105.82
0.797
-11.82
30.0
0.779
-169.75
0.188
-165.79
0.0006
168.26
0.850
-32.73
P1019-BD
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
October 2008 - Rev 10-Oct-08


Similar Part No. - XP1019-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1019-BD MIMIX-XP1019-BD Datasheet
734Kb / 8P
   17.0-24.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
XP1019-BD MA-COM-XP1019-BD Datasheet
292Kb / 8P
   17.0-24.0 GHz GaAs MMIC
logo
Mimix Broadband
XP1019-BD-000X MIMIX-XP1019-BD-000X Datasheet
734Kb / 8P
   17.0-24.0 GHz GaAs MMIC Power Amplifier
XP1019-BD-EV1 MIMIX-XP1019-BD-EV1 Datasheet
734Kb / 8P
   17.0-24.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
XP1019-BD MA-COM-XP1019-BD_15 Datasheet
292Kb / 8P
   Power Amplifier
More results

Similar Description - XP1019-BD

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XP1019-BD MA-COM-XP1019-BD Datasheet
292Kb / 8P
   17.0-24.0 GHz GaAs MMIC
logo
Mimix Broadband
XP1000 MIMIX-XP1000 Datasheet
995Kb / 6P
   17.0-24.0 GHz GaAs MMIC Power Amplifier
XP1019-BD MIMIX-XP1019-BD Datasheet
734Kb / 8P
   17.0-24.0 GHz GaAs MMIC Power Amplifier
XR1007-BD MIMIX-XR1007-BD_08 Datasheet
270Kb / 8P
   11.0-17.0 GHz GaAs MMIC
XU1010-BD MIMIX-XU1010-BD_09 Datasheet
1Mb / 1P
   17.0-34.0 GHz GaAs MMIC
XP1070-BD MIMIX-XP1070-BD Datasheet
1Mb / 11P
   14.5-17.0 GHz GaAs MMIC
XL1001-BD MIMIX-XL1001-BD_10 Datasheet
1Mb / 9P
   17.0-35.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XP1013-BD MA-COM-XP1013-BD Datasheet
461Kb / 7P
   17.0-26.0 GHz GaAs MMIC
logo
Mimix Broadband
XR1007 MIMIX-XR1007 Datasheet
190Kb / 8P
   11.0-17.0 GHz GaAs MMIC Receiver
XU1000 MIMIX-XU1000 Datasheet
264Kb / 5P
   17.0-27.0 GHz GaAs MMIC Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com