Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN3227C Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN3227C
Description  Single 1A High-Speed, Low-Side Gate Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3227C Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN3227C Datasheet HTML 4Page - Fairchild Semiconductor FAN3227C Datasheet HTML 5Page - Fairchild Semiconductor FAN3227C Datasheet HTML 6Page - Fairchild Semiconductor FAN3227C Datasheet HTML 7Page - Fairchild Semiconductor FAN3227C Datasheet HTML 8Page - Fairchild Semiconductor FAN3227C Datasheet HTML 9Page - Fairchild Semiconductor FAN3227C Datasheet HTML 10Page - Fairchild Semiconductor FAN3227C Datasheet HTML 11Page - Fairchild Semiconductor FAN3227C Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3111 • Rev. 1.0.2
8
Typical Performance Characteristics
Typical characteristics are provided at 25°C, VDD = 12V, and VXREF = 3.3V unless otherwise noted.
0
1
2
3
-50
-25
0
25
50
75
100
125
Tem perature (°C)
FAN3111C
Inputs Floating, Output Low
0
1
2
3
-50
-25
0
25
50
75
100
125
Tem perature (°C)
FAN3111E
Inputs Floating, Output Low
Figure 13.
IDD (Static) vs. Temperature
Figure 14.
IDD (Static) vs. Temperature
0
1
2
3
4
5
6
7
8
9
10
4
6
8
1012
1416
18
Supply Voltage (V)
FAN3111C
V
IL
V
IH
0.5
1.0
1.5
2.0
2.5
2.5
3.0
3.5
4.0
4.5
5.0
XREF (V)
FAN3111E
V
IH
V
IL
Figure 15.
Input Thresholds vs. Supply Voltage
Figure 16.
Input Threshold vs. XREF Voltage
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
4
6
8
10
1214
1618
Supply Voltage (V)
FAN3111C
V
IL
V
IH
4.0
4.5
5.0
5.5
6.0
6.5
7.0
-50
-25
0
25
50
75
100
125
Tem perature (°C)
FAN3111C
V
IL
V
IH
Figure 17.
Input Thresholds % vs. Supply Voltage
Figure 18.
Input Threshold vs. Temperature


Similar Part No. - FAN3227C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3227C FAIRCHILD-FAN3227C Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3227C FAIRCHILD-FAN3227C Datasheet
1Mb / 22P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3227C FAIRCHILD-FAN3227C Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3227C FAIRCHILD-FAN3227C Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3227C FAIRCHILD-FAN3227C Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results

Similar Description - FAN3227C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111 Datasheet
883Kb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_09 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_08 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27518 TI1-UCC27518 Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com