Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEFUE0G181R Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # EEFUE0G181R
Description  Dual DDR / Dual-Output PWM Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

EEFUE0G181R Datasheet(HTML) 5 Page - Fairchild Semiconductor

  EEFUE0G181R Datasheet HTML 1Page - Fairchild Semiconductor EEFUE0G181R Datasheet HTML 2Page - Fairchild Semiconductor EEFUE0G181R Datasheet HTML 3Page - Fairchild Semiconductor EEFUE0G181R Datasheet HTML 4Page - Fairchild Semiconductor EEFUE0G181R Datasheet HTML 5Page - Fairchild Semiconductor EEFUE0G181R Datasheet HTML 6Page - Fairchild Semiconductor EEFUE0G181R Datasheet HTML 7Page - Fairchild Semiconductor EEFUE0G181R Datasheet HTML 8Page - Fairchild Semiconductor EEFUE0G181R Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5026 • Rev. 1.0.8
5
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
VCC Supply Voltage
6.5
V
VIN
VIN Supply Voltage
18
V
BOOT, SW, ISNS, HDRV
24
V
BOOTx to SWx
6.5
V
All Other Pins
-0.3
VCC+0.3
V
TJ
Junction Temperature
-40
+150
ºC
TSTG
Storage Temperature
-65
+150
ºC
TL
Lead Temperature (Soldering,10 Seconds)
+300
ºC
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
VCC Supply Voltage
4.75
5.00
5.25
V
VIN
VIN Supply Voltage
16
V
TA
Ambient Temperature
-40
+85
°C
ΘJA
Thermal Resistance, Junction to Ambient
90
°C/W


Similar Part No. - EEFUE0G181R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEFUE0G181R PANASONIC-EEFUE0G181R Datasheet
50Kb / 3P
   Specialty Polymer Aluminum Electrolytic Capacitor
logo
Fairchild Semiconductor
EEFUE0G181R FAIRCHILD-EEFUE0G181R Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
Panasonic Semiconductor
EEFUE0G181R PANASONIC-EEFUE0G181R Datasheet
90Kb / 3P
   Surface Mount Type
More results

Similar Description - EEFUE0G181R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5026 FAIRCHILD-FAN5026 Datasheet
174Kb / 17P
   Dual DDR/Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
ON Semiconductor
NCP5201 ONSEMI-NCP5201 Datasheet
69Kb / 10P
   Dual Output DDR Power Controller
September, 2004 ??Rev. 9
NCP5201 ONSEMI-NCP5201_06 Datasheet
83Kb / 9P
   Dual Output DDR Power Controller
April, 2006 ??Rev. 11
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com