Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # BAT54
Description  Dual DDR / Dual-Output PWM Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BAT54 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button BAT54 Datasheet HTML 7Page - Fairchild Semiconductor BAT54 Datasheet HTML 8Page - Fairchild Semiconductor BAT54 Datasheet HTML 9Page - Fairchild Semiconductor BAT54 Datasheet HTML 10Page - Fairchild Semiconductor BAT54 Datasheet HTML 11Page - Fairchild Semiconductor BAT54 Datasheet HTML 12Page - Fairchild Semiconductor BAT54 Datasheet HTML 13Page - Fairchild Semiconductor BAT54 Datasheet HTML 14Page - Fairchild Semiconductor BAT54 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5026 • Rev. 1.0.8
11
Duty Cycle Clamp
During severe load increase, the error amplifier output
can go to its upper limit, pushing a duty cycle to almost
100% for significant amount of time. This could cause a
large increase of the inductor current and lead to a long
recovery from a transient, over-current condition, or
even to a failure at especially high input voltages. To
prevent this, the output of the error amplifier is clamped
to a fixed value after two clock cycles if severe output
voltage excursion is detected, limiting the maximum
duty cycle to:


+
=
IN
V
4
.
2
V
V
DC
IN
OUT
MAX
(5)
This is designed to not interfere with normal PWM
operation. When FPWM is grounded, the duty cycle
clamp is disabled and the maximum duty cycle is 87%.
Figure 12.
Current Limit / Summing Circuits
Gate Driver Section
The adaptive gate control logic translates the internal
PWM control signal into the MOSFET gate drive
signals, providing necessary amplification, level shifting,
and shoot-through protection. Also, it has functions that
optimize the IC performance over a wide range of
operating conditions. Since MOSFET switching time
can vary dramatically from type to type and with the
input voltage, the gate control logic provides adaptive
dead time by monitoring the gate-to-source voltages of
both upper and lower MOSFETs. The lower MOSFET
drive is not turned on until the gate-to-source voltage of
the upper MOSFET has decreased to less than
approximately 1V. Similarly, the upper MOSFET is not
turned on until the gate-to-source voltage of the lower
MOSFET has decreased to less than approximately 1V.
This allows a wide variety of upper and lower MOSFETs
to be used without a concern for simultaneous
conduction or shoot-through.
There must be a low-resistance, low-inductance path
between the driver pin and the MOSFET gate for the
adaptive dead-time circuit to function properly. Any
delay
along
that
path
subtracts
from
the
delay
generated by the adaptive dead-time circuit and shoot-
through may occur.
Frequency Loop Compensation
Due to the implemented current-mode control, the
modulator has a single-pole response with -1 slope at
frequency determined by load:
O
O
PO
C
R
2
1
f
π
=
(6)
where RO is load resistance; CO is load capacitance.


Similar Part No. - BAT54

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54 PANJIT-BAT54 Datasheet
112Kb / 3P
   SURFACT MOUNT SCHOTTKY BARRIER
logo
Guilin Strong Micro-Ele...
BAT54 GSME-BAT54 Datasheet
255Kb / 2P
   SCHOTTKY DIODE
logo
SamHop Microelectronics...
BAT54 SAMHOP-BAT54 Datasheet
336Kb / 14P
   1.2MHz STEP-UP CONVERTER
logo
FutureWafer Tech Co.,Lt...
BAT54 FUTUREWAFER-BAT54 Datasheet
1Mb / 15P
   Surface Mount Schottky Barrier Diode
07-DEC-2021 V 2.1
logo
Diotec Semiconductor
BAT54 DIOTEC-BAT54 Datasheet
262Kb / 2P
   Surface mount Schottky-Barrier Single-/ Double-Diodes
More results

Similar Description - BAT54

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5026 FAIRCHILD-FAN5026 Datasheet
174Kb / 17P
   Dual DDR/Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
ON Semiconductor
NCP5201 ONSEMI-NCP5201 Datasheet
69Kb / 10P
   Dual Output DDR Power Controller
September, 2004 ??Rev. 9
NCP5201 ONSEMI-NCP5201_06 Datasheet
83Kb / 9P
   Dual Output DDR Power Controller
April, 2006 ??Rev. 11
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com