Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETQ-P6F6R4HFA Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # ETQ-P6F6R4HFA
Description  Dual DDR / Dual-Output PWM Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ETQ-P6F6R4HFA Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button ETQ-P6F6R4HFA Datasheet HTML 3Page - Fairchild Semiconductor ETQ-P6F6R4HFA Datasheet HTML 4Page - Fairchild Semiconductor ETQ-P6F6R4HFA Datasheet HTML 5Page - Fairchild Semiconductor ETQ-P6F6R4HFA Datasheet HTML 6Page - Fairchild Semiconductor ETQ-P6F6R4HFA Datasheet HTML 7Page - Fairchild Semiconductor ETQ-P6F6R4HFA Datasheet HTML 8Page - Fairchild Semiconductor ETQ-P6F6R4HFA Datasheet HTML 9Page - Fairchild Semiconductor ETQ-P6F6R4HFA Datasheet HTML 10Page - Fairchild Semiconductor ETQ-P6F6R4HFA Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5026 • Rev. 1.0.8
7
Typical Application
Figure 5. DDR Regulator Application
Table 1. DDR Regulator BOM
Description
Qty.
Ref.
Vendor
Part Number
Capacitor 68 f, Tantalum, 25V, ESR 150m
1
C1
AVX
TPSV686*025#0150
Capacitor 10nf, Ceramic
2
C2, C3
Any
Capacitor 68 f, Tantalum, 6V, ESR 1.8
1
C4
AVX
TAJB686*006
Capacitor 150nF, Ceramic
2
C5, C7
Any
Capacitor 180 f, Specialty Polymer 4V, ESR 15m
2
C6A, C6B
(1)
Panasonic
EEFUE0G181R
Capacitor 1000 f, Specialty Polymer 4V, ESR 10m
1
C8
Kemet
T510E108(1)004AS4115
Capacitor 0.1 F, Ceramic
2
C9
Any
1.82K
Ω, 1% Resistor
3
R1, R2, R3
Any
56.2K
Ω, 1% Resistor
1
R3
Any
10K
Ω, 5% Resistor
2
R4
Any
3.24K
Ω, 1% Resistor
1
R5
Any
1.5K
Ω, 1% Resistor
2
R7, R8
Any
Schottky Diode 30V
2
D1, D2
Fairchild Semiconductor
BAT54
Inductor 6.4 H, 6A, 8.64m
1
L1
Panasonic
ETQ-P6F6R4HFA
Inductor 0.8 H, 6A, 2.24m
1
L2
Panasonic
ETQ-P6F0R8LFA
Dual MOSFET with Schottky
2
Q1, Q2
Fairchild Semiconductor
FDS6986AS
(2)
DDR Controller
1
U1
Fairchild Semiconductor
FAN5026
Notes:
1.
C6 = 2 X 180 F in parallel.
2.
Suitable for typical notebook computer application of 4A continuous, 6A peak for VDDQ. If continuous operation
above 6A is required, use single SO-8 packages. For more information, refer to the Power MOSFET Selection
Section and use AN-6002 for design calculations.


Similar Part No. - ETQ-P6F6R4HFA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ETQ-P6F6R4HFA FAIRCHILD-ETQ-P6F6R4HFA Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
More results

Similar Description - ETQ-P6F6R4HFA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5026 FAIRCHILD-FAN5026 Datasheet
174Kb / 17P
   Dual DDR/Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
ON Semiconductor
NCP5201 ONSEMI-NCP5201 Datasheet
69Kb / 10P
   Dual Output DDR Power Controller
September, 2004 ??Rev. 9
NCP5201 ONSEMI-NCP5201_06 Datasheet
83Kb / 9P
   Dual Output DDR Power Controller
April, 2006 ??Rev. 11
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com