Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5354 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN5354
Description  3MHz, 3A Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5354 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5354 Datasheet HTML 6Page - Fairchild Semiconductor FAN5354 Datasheet HTML 7Page - Fairchild Semiconductor FAN5354 Datasheet HTML 8Page - Fairchild Semiconductor FAN5354 Datasheet HTML 9Page - Fairchild Semiconductor FAN5354 Datasheet HTML 10Page - Fairchild Semiconductor FAN5354 Datasheet HTML 11Page - Fairchild Semiconductor FAN5354 Datasheet HTML 12Page - Fairchild Semiconductor FAN5354 Datasheet HTML 13Page - Fairchild Semiconductor FAN5354 Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5354 • Rev. 1.0.5
10
Operation Description
The FAN5354 is a step-down switching voltage regulator that
delivers an adjustable output from an input voltage supply of
2.7V
to
5.5V.
Using
a
proprietary
architecture
with
synchronous rectification, the FAN5354 is capable of
delivering 3A at over 80% efficiency. The regulator operates
at a nominal frequency of 3MHz at full load, which reduces
the value of the external components to 470nH for the output
inductor and 20 F for the output capacitor. High efficiency is
maintained at light load with single-pulse PFM mode.
Control Scheme
The FAN5354 uses a proprietary non-linear, fixed-frequency
PWM modulator to deliver a fast load transient response,
while maintaining a constant switching frequency over a wide
range of operating conditions. The regulator performance is
independent of the output capacitor ESR, allowing for the
use of ceramic output capacitors. Although this type of
operation normally results in a switching frequency that
varies with input voltage and load current, an internal
frequency loop holds the switching frequency constant over
a large range of input voltages and load currents.
For very light loads, the FAN5354 operates in discontinuous
current (DCM) single-pulse PFM mode, which produces low
output ripple compared with other PFM architectures.
Transition between PWM and PFM is seamless, with a glitch
of less than 18mV at VOUT during the transition between
DCM and CCM modes. The regulator limits minimum PFM
frequency to typically26Khz.
PFM mode can be disabled by holding the MODE pin HIGH.
The IC synchronizes to the MODE pin frequency. When
synchronizing to the MODE pin, PFM mode is disabled.
Setting the output voltage
The output voltage is set by the R1, R2, and VREF (0.8V):
REF
REF
OUT
V
V
V
2
R
1
R
=
(1)
R1 must be set at or below 100K ; therefore:
(
)
8
.
0
V
8
.
0
1
R
2
R
OUT
=
(2)
For example, for VOUT=1.2V, R1=100K , R2=200K .
Enable and Soft Start
When the EN pin is LOW, the IC is shut down, all internal
circuits are off, and the part draws very little current. Raising
EN above its threshold voltage activates the part and starts
the soft-start cycle. During soft-start, the modulator’s internal
reference is ramped slowly to minimize any large surge
currents on the input and prevents any overshoot of the
output voltage.
If large values of output capacitance are used, the regulator
may fail to start. If VOUT fails to achieve regulation within
320
µs from the beginning of soft-start, the regulator shuts
down and waits 1200
µs before attempting a restart. If the
regulator is at its current limit for more than about 60
µs, the
regulator shuts down before restarting 1200
µs later. This
limits the COUT capacitance when a heavy load is applied
during the startup. For a typical FAN5354 starting with a
resistive load:
)
A
(
I
100
400
)
F
(
COUT
LOAD
MAX
µ
where
LOAD
OUT
LOAD
R
V
I
=
(3)
Synchronous
rectification
is
inhibited
during
soft-start,
allowing the IC to start into a pre-charged load.
MODE Pin – External Frequency
Synchronization
Logic 1 on this pin forces the IC to stay in PWM mode. A
logic 0 allows the IC to automatically switch to PFM during
light loads. If the MODE pin is toggled, the converter
synchronizes its switching frequency to the frequency on the
mode pin (fMODE).
The MODE pin is internally buffered with a Schmitt trigger,
which allows the MODE pin to be driven with slow rise and
fall
times.
An
asymmetric
duty
cycle
for
frequency
synchronization is permitted as long as the minimum time
below VIL(MAX) or above VIH(MAX) is 100ns.
PGOOD Pin
The PGOOD pin is an open-drain that pin indicates that the
IC is in regulation when its state is open. PGOOD pulls LOW
under the following conditions:
1.
The IC has operated in cycle-by-cycle current limit for
eight or more consecutive PWM cycles.
2.
The circuit is disabled, either after a fault occurs, or
when EN is LOW.
3.
The IC is performing a soft-start.
Under-Voltage Lockout
When EN is HIGH, the under-voltage lockout keeps the part
from operating until the input supply voltage rises high
enough to properly operate. This ensures no misbehavior of
the regulator during startup or shutdown.
Input Over-Voltage Protection (OVP)
When VIN exceeds VSDWN (about 6.2V) the IC stops switching
to protect the circuitry from internal spikes above 6.5V. An
internal 40
µs filter prevents the circuit from shutting down
due to noise spikes. For the circuit to fully protect the internal
circuitry, the VIN slew rate above 6.2V must be limited to no
more than 15V/ms when the IC is switching.
The IC protects itself if VIN overshoots to 7V during initial
power-up as long as the VIN transition from 0 to 7V occurs in
less than 10
µs (10% to 90%).
Current Limiting
A heavy load or short circuit on the output causes the current
in the inductor to increase until a maximum current threshold
is reached in the high-side switch. Upon reaching this point,
the high-side switch turns off, preventing high currents from
causing damage. 16 consecutive PWM cycles in current limit


Similar Part No. - FAN5354

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5354 FAIRCHILD-FAN5354 Datasheet
785Kb / 14P
   3MHz, 3A Synchronous Buck Regulator
logo
ON Semiconductor
FAN5354 ONSEMI-FAN5354 Datasheet
1Mb / 16P
   3 MHz, 3 A Synchronous Buck Regulator
Rev. 1.0.7
logo
Fairchild Semiconductor
FAN53541 FAIRCHILD-FAN53541 Datasheet
1Mb / 15P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
logo
ON Semiconductor
FAN53541 ONSEMI-FAN53541 Datasheet
1Mb / 17P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
logo
Fairchild Semiconductor
FAN53541UCX FAIRCHILD-FAN53541UCX Datasheet
1Mb / 15P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
More results

Similar Description - FAN5354

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5353 FAIRCHILD-FAN5353 Datasheet
983Kb / 13P
   3MHz, 3A Synchronous Buck Regulator
FAN5354 FAIRCHILD-FAN5354 Datasheet
785Kb / 14P
   3MHz, 3A Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC23451 MICREL-MIC23451 Datasheet
3Mb / 20P
   3MHz, 2A Triple Synchronous Buck Regulator
logo
Unisonic Technologies
USR1021 UTC-USR1021 Datasheet
183Kb / 4P
   3A SYNCHRONOUS BUCK REGULATOR
USR1021 UTC-USR1021_15 Datasheet
183Kb / 4P
   3A SYNCHRONOUS BUCK REGULATOR
logo
Fairchild Semiconductor
FAN5362 FAIRCHILD-FAN5362 Datasheet
1Mb / 14P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
logo
ON Semiconductor
FAN5362 ONSEMI-FAN5362 Datasheet
1Mb / 16P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
Rev. 1.0.5
logo
Microchip Technology
MIC28511 MICROCHIP-MIC28511 Datasheet
1Mb / 34P
   60VIN, 3A Synchronous Buck Regulator
07/14/15
logo
Alpha & Omega Semicondu...
AOZ1031AI AOSMD-AOZ1031AI Datasheet
925Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1033AI AOSMD-AOZ1033AI Datasheet
908Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com