Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5354MPX Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN5354MPX
Description  3MHz, 3A Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5354MPX Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN5354MPX Datasheet HTML 2Page - Fairchild Semiconductor FAN5354MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN5354MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN5354MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5354MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5354MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5354MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5354MPX Datasheet HTML 9Page - Fairchild Semiconductor FAN5354MPX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5354 • Rev. 1.0.5
6
Typical Characteristics
Unless otherwise specified, VIN=5V, VOUT=1.2V, circuit of Figure 1, and components per Table 1.
0
100
200
300
400
500
600
700
800
900
1000
2.7
3.2
3.7
4.2
4.7
5.2
Input Voltage(V)
1.2VOUT boundary
1.2VOUT boundary
3.3VOUT boundary
3.3VOUT boundary
Always PWM
Always PFM
Hysteresis
-
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
0.5
1
1.5
2
2.5
3
Load Current (A)
VIN = 4.1V
VIN = 4.0V
VIN = 3.9V
VIN = 3.8V
Figure 9. PFM/PWM Mode-Change Boundaries
Figure 10. Effect of tOFF Minimum on Reducing Switching
Frequency at Large Duty Cycles, VOUT=3.3V
0
2
4
6
8
10
12
14
16
0.1
1
10
100
1000
10000
Load Current(mA)
5VIN, 1.2VOUT
3.3VIN, 1.2VOUT
5VIN,3.3VOUT
PFM
PWM
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
Frequency (KHz)
1.2VOUT,1.5A load
3.3VOUT, 0.5A load in PFM
3.3VOUT, 1.5A load
Figure 11. Output Voltage Ripple vs. Load Current
(See explanation on page 12)
Figure 12. Power Supply Rejection Ratio (PSRR)
VOUT
IL
Figure 13. PFM-to-PWM Mode Transition, Slowly
Increasing Load Current, 2 s/div.
Figure 14 PWM-to-PFM Mode Transition, Slowly
Decreasing Load Current, 2 s/div.


Similar Part No. - FAN5354MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5354MPX FAIRCHILD-FAN5354MPX Datasheet
785Kb / 14P
   3MHz, 3A Synchronous Buck Regulator
logo
ON Semiconductor
FAN5354MPX ONSEMI-FAN5354MPX Datasheet
1Mb / 16P
   3 MHz, 3 A Synchronous Buck Regulator
Rev. 1.0.7
More results

Similar Description - FAN5354MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5353 FAIRCHILD-FAN5353 Datasheet
983Kb / 13P
   3MHz, 3A Synchronous Buck Regulator
FAN5354 FAIRCHILD-FAN5354 Datasheet
785Kb / 14P
   3MHz, 3A Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC23451 MICREL-MIC23451 Datasheet
3Mb / 20P
   3MHz, 2A Triple Synchronous Buck Regulator
logo
Unisonic Technologies
USR1021 UTC-USR1021 Datasheet
183Kb / 4P
   3A SYNCHRONOUS BUCK REGULATOR
USR1021 UTC-USR1021_15 Datasheet
183Kb / 4P
   3A SYNCHRONOUS BUCK REGULATOR
logo
Fairchild Semiconductor
FAN5362 FAIRCHILD-FAN5362 Datasheet
1Mb / 14P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
logo
ON Semiconductor
FAN5362 ONSEMI-FAN5362 Datasheet
1Mb / 16P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
Rev. 1.0.5
logo
Microchip Technology
MIC28511 MICROCHIP-MIC28511 Datasheet
1Mb / 34P
   60VIN, 3A Synchronous Buck Regulator
07/14/15
logo
Alpha & Omega Semicondu...
AOZ1031AI AOSMD-AOZ1031AI Datasheet
925Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1033AI AOSMD-AOZ1033AI Datasheet
908Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com