Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5362UC25X Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN5362UC25X
Description  3MHz, 500mA / 750mA Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5362UC25X Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN5362UC25X Datasheet HTML 2Page - Fairchild Semiconductor FAN5362UC25X Datasheet HTML 3Page - Fairchild Semiconductor FAN5362UC25X Datasheet HTML 4Page - Fairchild Semiconductor FAN5362UC25X Datasheet HTML 5Page - Fairchild Semiconductor FAN5362UC25X Datasheet HTML 6Page - Fairchild Semiconductor FAN5362UC25X Datasheet HTML 7Page - Fairchild Semiconductor FAN5362UC25X Datasheet HTML 8Page - Fairchild Semiconductor FAN5362UC25X Datasheet HTML 9Page - Fairchild Semiconductor FAN5362UC25X Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5362 • Rev. 1.0.1
6
Typical Characteristics
Unless otherwise noted, VIN=VEN=3.6V,VMODE=0 (AUTO), VOUT=2.9V, COUT=10µF, and TA=25°C.
VOUT
IL
VOUT
IL
Figure 10. PFM to PWM Transition at VIN=3.2V, 10µs/div. Figure 11. PWM to PFM Transition at VIN=3.2V, 10µs/div.
VOUT
IL
VOUT
IL
Figure 12. PFM to PWM Transition at VIN=3.6V, 2µs/div. Figure 13. PWM to PFM Transition at VIN=3.6V, 2µs/div.
VOUT
IL
VOUT
IL
Figure 14. Regular Switching to 100% Duty Cycle
Transition at VIN=3.2V, 5µs/div.
Figure 15. 100% Duty Cycle to Regular Switching
Transition at VIN=3.2V, 5µs/div.


Similar Part No. - FAN5362UC25X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN5362UC25X ONSEMI-FAN5362UC25X Datasheet
1Mb / 16P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
Rev. 1.0.5
More results

Similar Description - FAN5362UC25X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN5362 ONSEMI-FAN5362 Datasheet
1Mb / 16P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
Rev. 1.0.5
logo
Fairchild Semiconductor
FAN5353 FAIRCHILD-FAN5353 Datasheet
983Kb / 13P
   3MHz, 3A Synchronous Buck Regulator
FAN5354 FAIRCHILD-FAN5354_11 Datasheet
1Mb / 14P
   3MHz, 3A Synchronous Buck Regulator
FAN5354 FAIRCHILD-FAN5354 Datasheet
785Kb / 14P
   3MHz, 3A Synchronous Buck Regulator
FAN5361 FAIRCHILD-FAN5361_10 Datasheet
1Mb / 18P
   6MHz, 600mA / 750mA Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC23451 MICREL-MIC23451 Datasheet
3Mb / 20P
   3MHz, 2A Triple Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415_13 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Altera Corporation
ER3105DI ALTERA-ER3105DI Datasheet
3Mb / 25P
   500mA Wide VIN Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
   Wide VIN 500mA Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com