Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5355 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN5355
Description  1A / 0.8A, 3MHz Digitally Programmable Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5355 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5355 Datasheet HTML 6Page - Fairchild Semiconductor FAN5355 Datasheet HTML 7Page - Fairchild Semiconductor FAN5355 Datasheet HTML 8Page - Fairchild Semiconductor FAN5355 Datasheet HTML 9Page - Fairchild Semiconductor FAN5355 Datasheet HTML 10Page - Fairchild Semiconductor FAN5355 Datasheet HTML 11Page - Fairchild Semiconductor FAN5355 Datasheet HTML 12Page - Fairchild Semiconductor FAN5355 Datasheet HTML 13Page - Fairchild Semiconductor FAN5355 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
© 2008 Fairchild Semiconductor Corporation
10
www.fairchildsemi.com
FAN5355 • Rev. 1.0.6
Typical Performance Characteristics
Unless otherwise specified, Auto-PWM/PFM, VIN = 3.6V, TA = 25°C, and recommended components as specified in Table 1.
Efficiency
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100 %
110
100
100 0
I LOAD Output Curre nt (mA)
Auto PWM/PFM
Forced PWM
VIN = 3.6V
VOUT = 1.05V
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100 %
1
10
100
100 0
I LOAD Output Curre nt (mA)
Auto PWM/PFM
Forced PWM
VIN = 3.6V
VOUT = 1.35V
Figure 7. Efficiency vs. Load at VOUT = 1.05V
Figure 8. Efficiency vs. Load at VOUT = 1.35V
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100 %
110
10 0
100 0
I LOAD Output Curre nt (mA)
Auto PWM/PFM
Forced PWM
VIN = 3.6V
VOUT = 1.5V
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
1
10
100
1000
I LOAD Output Current (mA)
Auto PWM/PFM
Forced PWM
VIN = 3.6V
VOUT =1.8V
Figure 9. Efficiency vs. Load at VOUT = 1.50V
Figure 10. Efficiency vs. Load at VOUT = 1.80V


Similar Part No. - FAN5355

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5355 FAIRCHILD-FAN5355 Datasheet
1Mb / 27P
   1A / 0.8A, 3MHz Digitally Programmable TinyBuckTM Regulator
logo
ON Semiconductor
FAN5355 ONSEMI-FAN5355 Datasheet
1Mb / 27P
   1.1 A / 1 A / 0.8 A, 3 MHz Digitally Programmable Regulator
Rev. 1.1.7
FAN53555 ONSEMI-FAN53555 Datasheet
1Mb / 32P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
March, 2018 ??Rev. 3
FAN53555BUC05X ONSEMI-FAN53555BUC05X Datasheet
1Mb / 32P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
March, 2018 ??Rev. 3
FAN53555BUC08X ONSEMI-FAN53555BUC08X Datasheet
1Mb / 32P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
March, 2018 ??Rev. 3
More results

Similar Description - FAN5355

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5355 FAIRCHILD-FAN5355 Datasheet
1Mb / 27P
   1A / 0.8A, 3MHz Digitally Programmable TinyBuckTM Regulator
FAN5365 FAIRCHILD-FAN5365 Datasheet
1,020Kb / 24P
   1A / 0.8A, 6MHz Digitally Programmable Regulator
logo
ON Semiconductor
FAN53200 ONSEMI-FAN53200 Datasheet
785Kb / 16P
   Digitally Programmable TinyBuck Regulator
January, 2018 ??Rev. 2
FAN53526 ONSEMI-FAN53526 Datasheet
1Mb / 25P
   Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
FAN53525 ONSEMI-FAN53525 Datasheet
509Kb / 6P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0.1
logo
Fairchild Semiconductor
FAN53525 FAIRCHILD-FAN53525 Datasheet
390Kb / 4P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
logo
Richtek Technology Corp...
RT8048 RICHTEK-RT8048 Datasheet
162Kb / 11P
   3MHz 1A Step-Down Converter
DS8048-01 RICHTEK-DS8048-01 Datasheet
168Kb / 11P
   3MHz 1A Step-Down Converter
logo
ON Semiconductor
FAN53202 ONSEMI-FAN53202 Datasheet
1Mb / 21P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0
FAN53555 ONSEMI-FAN53555 Datasheet
1Mb / 32P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
March, 2018 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com