Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5362UMP29X Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN5362UMP29X
Description  3MHz, 500mA / 750mA Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5362UMP29X Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5362UMP29X Datasheet HTML 6Page - Fairchild Semiconductor FAN5362UMP29X Datasheet HTML 7Page - Fairchild Semiconductor FAN5362UMP29X Datasheet HTML 8Page - Fairchild Semiconductor FAN5362UMP29X Datasheet HTML 9Page - Fairchild Semiconductor FAN5362UMP29X Datasheet HTML 10Page - Fairchild Semiconductor FAN5362UMP29X Datasheet HTML 11Page - Fairchild Semiconductor FAN5362UMP29X Datasheet HTML 12Page - Fairchild Semiconductor FAN5362UMP29X Datasheet HTML 13Page - Fairchild Semiconductor FAN5362UMP29X Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5362 • Rev. 1.0.1
10
Thermal Shutdown
When the die temperature increases, due to a high load
condition and/or a high ambient temperature, the output
switching is disabled until the temperature on the die has
fallen sufficiently. The junction temperature at which the
thermal shutdown activates is nominally 150°C with a 20°C
hysteresis.
Minimum Off-Time Effect on Switching
Frequency
tOFF(MIN) is 35ns. This imposes constraints on the maximum
IN
OUT
V
V
that the FAN5362 can provide, or the maximum
output voltage it can provide at low VOUT while maintaining a
fixed switching frequency in PWM mode.
When VIN is high, fixed switching is maintained as long as
7
.
0
1
)
(
SW
MIN
OFF
IN
OUT
f
t
V
V
.
The switching frequency drops when the regulator cannot
provide sufficient duty cycle at 3MHz to maintain regulation.
This occurs when VIN is below 3.3V at nominal load currents.
The calculation for switching frequency is given by:
=
MHz
3
,
t
1
min
f
)
MAX
(
SW
SW
(4)
where:
⎟⎟
⎜⎜
+
+
=
OUT
ON
OUT
IN
OFF
OUT
OUT
)
MAX
(
SW
V
R
I
V
R
I
V
1
ns
35
t
(5)
where:
OFF
R
=
L
N
_
DSON
DCR
R
+
ON
R
=
L
P
_
DSON
DCR
R
+
Applications Information
Selecting the Inductor
The output inductor must meet both the required inductance
and the energy handling capability of the application.
The inductor value affects the average current limit, the
PWM-to-PFM transition point, the output voltage ripple, and
the efficiency.
The ripple current (∆I) of the regulator is:
⎟⎟
⎜⎜
Δ
SW
OUT
IN
IN
OUT
f
L
V
V
V
V
I
(6)
The maximum average load current, IMAX(LOAD) is related to
the peak current limit, ILIM(PK) by the ripple current:
2
I
I
I
)
PK
(
LIM
)
LOAD
(
MAX
Δ
=
(7)
The FAN5362 is optimized for operation with L=1
μH, but is
stable with inductances up to 1.5
μH (nominal) and down to
470nH. The inductor should be rated to maintain at least
80% of its value at ILIM(PK). Failure to do so lowers the
amount of DC current that the IC can deliver.
Efficiency is affected by the inductor DCR and inductance
value. Decreasing the inductor value for a given physical size
typically decreases the DCR; but since ∆I increases, the RMS
current increases, as do the core and skin effect losses.
12
I
I
I
2
2
)
DC
(
OUT
RMS
Δ
+
=
(8)
The increased RMS current produces higher losses through
the RDS(ON) of the IC MOSFETs as well as the inductor ESR.
Increasing the inductor value produces lower RMS currents,
but degrades transient response. For a given physical
inductor size, increased inductance usually results in an
inductor with lower saturation current and higher DCR.
Inductor Current Rating
The FAN5362’s current limit circuit can allow a peak current
of 1.25A to flow through L1 under worst-case conditions. If it
is possible for the load to draw that much continuous current,
the inductor should be capable of sustaining that current or
failing in a safe manner.
Output Capacitor
While 4.7
μF capacitors are available in 0402 package size,
0603 capacitors are recommended due to the severe DC
voltage bias degradation in capacitance value that the
0402 exhibits.
Increasing COUT has no effect on loop stability and can
therefore be increased to reduce output voltage ripple or to
improve transient response. Output voltage ripple, ∆VOUT, is:
⎟⎟
⎜⎜
+
Δ
=
Δ
ESR
f
C
8
1
I
V
SW
OUT
OUT
(9)
If values greater than 24
μF of COUT are used, the regulator
may fail to start. See the sections on Enable and Soft Start
for more information.
Input Capacitor
The 2.2
μF ceramic input capacitor should be placed as close
as possible to the VIN pin and GND to minimize the parasitic
inductance. If a long wire is used to bring power to the IC,
additional “bulk” capacitance (electrolytic or tantalum) should
be placed between CIN and the power source lead to reduce
ringing that can occur between the inductance of the power
source leads and CIN.


Similar Part No. - FAN5362UMP29X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN5362UMP29X ONSEMI-FAN5362UMP29X Datasheet
1Mb / 16P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
Rev. 1.0.5
More results

Similar Description - FAN5362UMP29X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN5362 ONSEMI-FAN5362 Datasheet
1Mb / 16P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
Rev. 1.0.5
logo
Fairchild Semiconductor
FAN5353 FAIRCHILD-FAN5353 Datasheet
983Kb / 13P
   3MHz, 3A Synchronous Buck Regulator
FAN5354 FAIRCHILD-FAN5354_11 Datasheet
1Mb / 14P
   3MHz, 3A Synchronous Buck Regulator
FAN5354 FAIRCHILD-FAN5354 Datasheet
785Kb / 14P
   3MHz, 3A Synchronous Buck Regulator
FAN5361 FAIRCHILD-FAN5361_10 Datasheet
1Mb / 18P
   6MHz, 600mA / 750mA Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC23451 MICREL-MIC23451 Datasheet
3Mb / 20P
   3MHz, 2A Triple Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415_13 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Altera Corporation
ER3105DI ALTERA-ER3105DI Datasheet
3Mb / 25P
   500mA Wide VIN Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
   Wide VIN 500mA Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com