Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WR5004X Datasheet(PDF) 5 Page - STANLEY ELECTRIC CO.,LTD.

Part # WR5004X
Description  Single Color ?5 Round Shape Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

WR5004X Datasheet(HTML) 5 Page - STANLEY ELECTRIC CO.,LTD.

  WR5004X Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. WR5004X Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. WR5004X Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. WR5004X Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. WR5004X Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. WR5004X Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. WR5004X Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. WR5004X Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. WR5004X Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Single Color φ5 Round Shape Type
WR5004X
Page 5
2010.03.10
0
50
100
150
200
250
-40
-20
0
20
40
60
80
100
Duty=5%
Duty=10%
Duty=20%
Duty=50%
DC
0.1
1.0
10.0
-40
-20
0
20
40
60
80
100
0
20
40
60
80
100
120
140
-40
10
60
110
1.2
1.4
1.6
1.8
2
2.2
2.4
-40
-20
0
20
40
60
80
100
IF=20mA
IF=10mA
IF=2mA
Ambient Temperature vs. Relative Intensity
Condition : I
F=20mA
Ambient Temperature : Ta(℃)
Derating
Ambient Temperature vs. Maximum Forward Current
Repetition Frequency : f ≧ 50Hz、Pulse Width tw≦1msec
Ambient Temperature : Ta(℃)
Technical Data
Ambient Temperature vs. Forward Voltage
Ambient Temperature : Ta(℃)
Power Dissipation vs. Ambient Temperature
Ambient Temperature : Ta(℃)


Similar Part No. - WR5004X

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
WR5004X STANLEY-WR5004X Datasheet
131Kb / 10P
   Single Color 5 Round Shape Type
More results

Similar Description - WR5004X

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
WR5006X STANLEY-WR5006X_10 Datasheet
132Kb / 10P
   Single Color ?5 Round Shape Type
BG5305S STANLEY-BG5305S Datasheet
432Kb / 33P
   Single Color ?5 Round Shape Type
WR5006X STANLEY-WR5006X Datasheet
132Kb / 10P
   Single Color 5 Round Shape Type
WR5005S STANLEY-WR5005S_10 Datasheet
132Kb / 10P
   Single Color ?5 Round Shape Type
WR5004X STANLEY-WR5004X Datasheet
131Kb / 10P
   Single Color 5 Round Shape Type
5335S STANLEY-5335S Datasheet
413Kb / 33P
   Single Color ?5 Round Shape Type
KR5004X STANLEY-KR5004X Datasheet
187Kb / 12P
   Single Color ?5 Round Shape Type
BR5335S STANLEY-BR5335S Datasheet
2Mb / 33P
   Single Color 5 Round Shape Type
BG5307S STANLEY-BG5307S Datasheet
436Kb / 33P
   Single Color ?5 Round Shape Type
WR5005S STANLEY-WR5005S Datasheet
132Kb / 10P
   Single Color 5 Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com