Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFHA1104LS Datasheet(PDF) 4 Page - STANLEY ELECTRIC CO.,LTD.

Part # VFHA1104LS
Description  Single Color PLCC-2 Type (High Reliability type, V-Series)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VFHA1104LS Datasheet(HTML) 4 Page - STANLEY ELECTRIC CO.,LTD.

  VFHA1104LS Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. VFHA1104LS Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. VFHA1104LS Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. VFHA1104LS Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. VFHA1104LS Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. VFHA1104LS Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. VFHA1104LS Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. VFHA1104LS Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. VFHA1104LS Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2010.12.15
Page 4
1104LS Series
(High Reliability type, V-Series)
Single Color PLCC-2 Type
(Ta=25℃)
Absolute Maximum Ratings
Item
Symbol
VFHV
VFJV
VFGV
VFHR
VFJR
VFGR
Unit
Power Dissipation
Pd
78
78
189
78
78
189
mW
Continuous Forward
Current
IF
30
30
70
30
30
70
mA
Repetitive Peak
Forward Current
※ 1
IFRM
100
100
100
100
100
100
mA
⊿ IF
0.86
0.86
1.43
0.86
0.86
1.43
mA/℃
⊿ IFRM
2.86
2.86
2.04
2.86
2.86
2.04
mA/℃
Reverse Voltage
VR
5
555
55
V
Operating
Temperature
Topr
Storage Temperature
Tstg
Derating
※ 2
-40~+100
-40~+120
Item
Symbol
VFHA
VFJA
VFGA
Unit
Power Dissipation
Pd
78
78
189
mW
Continuous Forward
Current
IF
30
30
70
mA
Repetitive Peak
Forward Current
※ 1
IFRM
100
100
100
mA
⊿ IF
0.86
0.86
1.43
mA/℃
⊿ IFRM
2.86
2.86
2.04
mA/℃
Reverse Voltage
VR
555
V
Operating
Temperature
Topr
Storage Temperature
Tstg
-40~+100
-40~+120
Derating
※ 2
※1 IFRM Measurement condition / VC□□:Pulse Width ≦ 0.1ms, Duty≦1/10
VF□□:Pulse Width ≦ 1.0ms, Duty≦1/20
※2 VFGA,VFGV,VFGR :Ta=71℃ or higher
Other
:Ta=85℃ or higher
2011.03.23


Similar Part No. - VFHA1104LS

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
VFHA1104LS STANLEY-VFHA1104LS Datasheet
599Kb / 21P
   Wide range temperature applicable product
More results

Similar Description - VFHA1104LS

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
1104B STANLEY-1104B Datasheet
296Kb / 16P
   Single Color PLCC-2 Bathtub Type (High Reliability type, V-Series)
VLW1148LS STANLEY-VLW1148LS Datasheet
255Kb / 13P
   PLCC-2 Type White LED (High Reliability type, White V-Series)
VSEW1154LDS-E STANLEY-VSEW1154LDS-E Datasheet
299Kb / 20P
   PLCC-2 Type White LED (High Reliability type, White V-Series)
1105W STANLEY-1105W Datasheet
305Kb / 16P
   Single Color Dome Lens Type (High Reliability type, V-Series)
JRGB1316LS STANLEY-JRGB1316LS Datasheet
391Kb / 15P
   PLCC-6 Type Tri-color
logo
Lite-On Technology Corp...
LTST-T680TBKT LITEON-LTST-T680TBKT Datasheet
530Kb / 9P
   Single Color PLCC-2 Type T680 Package 3.5mm(L) x 2.8mm(W)
logo
STANLEY ELECTRIC CO.,LT...
YPY1104B STANLEY-YPY1104B Datasheet
259Kb / 18P
   Single Color High Brightness Type
FR1113F-TR STANLEY-FR1113F-TR Datasheet
311Kb / 18P
   Single Color High Brightness Type
FY1112H-TR STANLEY-FY1112H-TR Datasheet
368Kb / 20P
   Single Color High Brightness Type
FY1101F-TR STANLEY-FY1101F-TR Datasheet
288Kb / 16P
   Single Color High Brightness Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com