Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN3223C Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN3223C
Description  Dual 2A High-Speed, Low-Side Gate Drivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3223C Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN3223C Datasheet HTML 5Page - Fairchild Semiconductor FAN3223C Datasheet HTML 6Page - Fairchild Semiconductor FAN3223C Datasheet HTML 7Page - Fairchild Semiconductor FAN3223C Datasheet HTML 8Page - Fairchild Semiconductor FAN3223C Datasheet HTML 9Page - Fairchild Semiconductor FAN3223C Datasheet HTML 10Page - Fairchild Semiconductor FAN3223C Datasheet HTML 11Page - Fairchild Semiconductor FAN3223C Datasheet HTML 12Page - Fairchild Semiconductor FAN3223C Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3226 / FAN3227 / FAN3228 / FAN3229 • Rev. 1.0.7
9
Timing Diagrams
90%
10%
Output
Input
t
D1
t
D2
t
RISE
t
FALL
V
INL
V
INH
90%
10%
Output
t
D1
t
D2
t
FALL
t
RISE
V
INL
V
INH
Input
Figure 9. Non-Inverting (EN HIGH or Floating)
Figure 10. Inverting (EN HIGH or Floating)
Figure 11. Non-Inverting (IN HIGH)
Figure 12. Inverting (IN LOW)


Similar Part No. - FAN3223C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3223C FAIRCHILD-FAN3223C Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3223C FAIRCHILD-FAN3223C Datasheet
1Mb / 22P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3223C FAIRCHILD-FAN3223C Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3223C FAIRCHILD-FAN3223C Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223C FAIRCHILD-FAN3223C Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
More results

Similar Description - FAN3223C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3229 FAIRCHILD-FAN3229_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216_12 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3228 FAIRCHILD-FAN3228_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_12 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com