Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFGA1104LS Datasheet(PDF) 6 Page - STANLEY ELECTRIC CO.,LTD.

Part # VFGA1104LS
Description  Single Color PLCC-2 Type (High Reliability type, V-Series)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VFGA1104LS Datasheet(HTML) 6 Page - STANLEY ELECTRIC CO.,LTD.

Back Button VFGA1104LS Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. VFGA1104LS Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. VFGA1104LS Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. VFGA1104LS Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. VFGA1104LS Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. VFGA1104LS Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. VFGA1104LS Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. VFGA1104LS Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. VFGA1104LS Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2010.12.15
Page 6
1104LS Series
(High Reliability type, V-Series)
Single Color PLCC-2 Type
(Ta=25℃)
Electro-Optical Characteristics
※Note: The dominant wave length (λd) above is the setup value of the sorting machine.
(Tolerance : λd…±1nm)
Peak
Dominant
Sp ectral
Lin e
Half Wid th
Conditions
λ
p(nm )
λ
d(nm )
Δλ (nm)
TYP . MAX. IF (mA) TYP . IF (mA)
T YP.
T YP.
T YP.
IF (mA) TYP . IF (mA)
VCP B1104L S
3.1
3.7
10
10
10
VCL B1104L S
3.2
3.9
30
30
30
VCP G1104L S
3.1
3.7
10
10
10
VCMG1104L S
3.2
3.9
30
30
30
VF HG1104L S
2.0
2.5
20
20
20
VF J G1104L S
2.0
2.5
20
20
20
VF GG1104L S
2.2
2.6
50
50
50
VF HP 1104L S
2.0
2.5
20
20
20
VF J P 1104L S
2.0
2.5
20
20
20
VF GP 1104L S
2.2
2.6
50
50
50
VF HY1104L S
2.0
2.5
20
20
20
VF J Y1104L S
2.0
2.5
20
20
20
VF GY1104L S
2.2
2.6
50
50
50
VF HA1104L S
2.0
2.5
20
20
20
VF J A1104L S
2.0
2.5
20
20
20
VF GA1104L S
2.2
2.6
50
50
50
VF HV1104L S
2.0
2.5
20
20
20
VF J V1104L S
2.0
2.5
20
20
20
VF GV1104L S
2.2
2.6
50
50
50
VF HR1104L S
2.0
2.5
20
20
20
VF J R1104L S
2.0
2.5
20
20
20
VF GR1104L S
2.2
2.6
50
50
50
611
606
523
525
462
22
640
632
561
20
573
570
594
589
Ite m
Forwa rd
Volta g e
Re ve rse
Curre nt
Wa ve le ngth
VF (V)
IR(μA)
Ha lf
Inte nsity
Angle
10
2θ1/2(deg.)
470
5
120
100
561
622
616


Similar Part No. - VFGA1104LS

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
VFGA1104LS STANLEY-VFGA1104LS Datasheet
599Kb / 21P
   Wide range temperature applicable product
More results

Similar Description - VFGA1104LS

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
1104B STANLEY-1104B Datasheet
296Kb / 16P
   Single Color PLCC-2 Bathtub Type (High Reliability type, V-Series)
VLW1148LS STANLEY-VLW1148LS Datasheet
255Kb / 13P
   PLCC-2 Type White LED (High Reliability type, White V-Series)
VSEW1154LDS-E STANLEY-VSEW1154LDS-E Datasheet
299Kb / 20P
   PLCC-2 Type White LED (High Reliability type, White V-Series)
1105W STANLEY-1105W Datasheet
305Kb / 16P
   Single Color Dome Lens Type (High Reliability type, V-Series)
JRGB1316LS STANLEY-JRGB1316LS Datasheet
391Kb / 15P
   PLCC-6 Type Tri-color
logo
Lite-On Technology Corp...
LTST-T680TBKT LITEON-LTST-T680TBKT Datasheet
530Kb / 9P
   Single Color PLCC-2 Type T680 Package 3.5mm(L) x 2.8mm(W)
logo
STANLEY ELECTRIC CO.,LT...
YPY1104B STANLEY-YPY1104B Datasheet
259Kb / 18P
   Single Color High Brightness Type
FR1113F-TR STANLEY-FR1113F-TR Datasheet
311Kb / 18P
   Single Color High Brightness Type
FY1112H-TR STANLEY-FY1112H-TR Datasheet
368Kb / 20P
   Single Color High Brightness Type
FY1101F-TR STANLEY-FY1101F-TR Datasheet
288Kb / 16P
   Single Color High Brightness Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com